Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9530D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9530D
Description  2-bit I2C-bus LED dimmer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9530D Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9530D Datasheet HTML 1Page - NXP Semiconductors PCA9530D Datasheet HTML 2Page - NXP Semiconductors PCA9530D Datasheet HTML 3Page - NXP Semiconductors PCA9530D Datasheet HTML 4Page - NXP Semiconductors PCA9530D Datasheet HTML 5Page - NXP Semiconductors PCA9530D Datasheet HTML 6Page - NXP Semiconductors PCA9530D Datasheet HTML 7Page - NXP Semiconductors PCA9530D Datasheet HTML 8Page - NXP Semiconductors PCA9530D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1.
General description
The PCA9530 is a 2-bit I2C-bus and SMBus I/O expander optimized for dimming LEDs in
256 discrete steps for Red/Green/Blue (RGB) color mixing and backlight applications.
The PCA9530 contains an internal oscillator with two user programmable blink rates and
duty cycles coupled to the output PWM. The LED brightness is controlled by setting the
blink rate high enough (> 100 Hz) that the blinking cannot be seen and then using the
duty cycle to vary the amount of time the LED is on and thus the average current through
the LED.
The initial setup sequence programs the two blink rates/duty cycles for each individual
PWM. From then on, only one command from the bus master is required to turn individual
LEDs ON, OFF, BLINK RATE 1 or BLINK RATE 2. Based on the programmed frequency
and duty cycle, BLINK RATE 1 and BLINK RATE 2 will cause the LEDs to appear at a
different brightness or blink at periods up to 1.69 second. The open-drain outputs directly
drive the LEDs with maximum output sink current of 25 mA per bit and 50 mA per
package.
To blink LEDs at periods greater than 1.69 second, the bus master (MCU, MPU, DSP,
chip set, etc.) must send repeated commands to turn the LED on and off as is currently
done when using normal I/O Expanders like the NXP Semiconductors PCF8574 or
PCA9554. Any bits not used for controlling the LEDs can be used for General Purpose
parallel Input/Output (GPIO) expansion which provides a simple solution when additional
I/O is needed for ACPI power switches, sensors, push buttons, alarm monitoring, fans,
etc.
The active LOW hardware reset pin (RESET) and Power-On Reset (POR) initialize the
registers to their default state causing the bits to be set HIGH (LED off).
One hardware address pin on the PCA9530 allows two devices to operate on the same
bus.
2.
Features
I 2 LED drivers (on, off, flashing at a programmable rate)
I 2 selectable, fully programmable blink rates (frequency and duty cycle) between
0.591 Hz and 152 Hz (1.69 seconds and 6.58 milliseconds)
I 256 brightness steps
I Input/output not used as LED drivers can be used as regular GPIOs
I Internal oscillator requires no external components
I I2C-bus interface logic compatible with SMBus
I Internal power-on reset
PCA9530
2-bit I2C-bus LED dimmer
Rev. 03 — 26 February 2009
Product data sheet


Similar Part No. - PCA9530D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9530D PHILIPS-PCA9530D Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9530DP PHILIPS-PCA9530DP Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
More results

Similar Description - PCA9530D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9532 NXP-PCA9532 Datasheet
173Kb / 29P
   16-bit I2C-bus LED dimmer
Rev. 04-17 March 2009
PCA9533 NXP-PCA9533 Datasheet
148Kb / 24P
   4-bit I2C-bus LED dimmer
Rev. 03-27 April 2009
PCA9530 PHILIPS-PCA9530 Datasheet
123Kb / 16P
   2-bit I2C LED dimmer
2002 Dec 12
PCA9531 NXP-PCA9531 Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531BS-T NXP-PCA9531BS-T Datasheet
164Kb / 27P
   8-bit I2C-bus LED dimmer
Rev. 06-19 February 2009
PCA9531 PHILIPS-PCA9531 Datasheet
154Kb / 20P
   8-bit I2C LED dimmer
2003 Nov 10
PCA9533 PHILIPS-PCA9533 Datasheet
133Kb / 18P
   4-bit I2C LED dimmer
2004 Oct 01
PCA9532 PHILIPS-PCA9532 Datasheet
154Kb / 20P
   16-bit I2C LED dimmer
Rev. 04-17 March 2009
logo
ON Semiconductor
CAT9532 ONSEMI-CAT9532 Datasheet
791Kb / 18P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. E
CAT9532WI ONSEMI-CAT9532WI Datasheet
203Kb / 17P
   16-bit Programmable LED Dimmer with I2C Interface
Doc. No. MD-9001 Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com