Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55640 Datasheet(PDF) 7 Page - FCI connector

Part # 55640
Description  SMART CARD READER FOR LOWER PROFILE HEIGHT OF 3.6mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

55640 Datasheet(HTML) 7 Page - FCI connector

  55640 Datasheet HTML 1Page - FCI connector 55640 Datasheet HTML 2Page - FCI connector 55640 Datasheet HTML 3Page - FCI connector 55640 Datasheet HTML 4Page - FCI connector 55640 Datasheet HTML 5Page - FCI connector 55640 Datasheet HTML 6Page - FCI connector 55640 Datasheet HTML 7Page - FCI connector 55640 Datasheet HTML 8Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PDM: Rev:K
Released
.
STATUS:
Printed: Sep 09, 2009


Similar Part No. - 55640

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
556470M050CB2 CDE-556470M050CB2 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
556470M300FR2 CDE-556470M300FR2 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
556470M400LV2 CDE-556470M400LV2 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
556471M050MF2 CDE-556471M050MF2 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
556471M063MH2 CDE-556471M063MH2 Datasheet
81Kb / 5P
   Computer Grade, Axial Leaded, Aluminum
More results

Similar Description - 55640

ManufacturerPart #DatasheetDescription
logo
FCI connector
10010556 FCI-CONNECTOR-10010556 Datasheet
2Mb / 20P
   SMART CARD READER ASSEMBLY
logo
Cherry Semiconductor Co...
ST-1144UB CHERRY-ST-1144UB Datasheet
229Kb / 2P
   USB Smart Card Reader
logo
Advantech Co., Ltd.
UTC-300P-S ADVANTECH-UTC-300P-S Datasheet
211Kb / 1P
   Smart Card Reader for UTC-300 Series
logo
Cherry Semiconductor Co...
ST-1044 CHERRY-ST-1044 Datasheet
116Kb / 2P
   Smart Card Reader ST-1044 Smart Terminal
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
logo
FCI connector
7332E0225S01 FCI-CONNECTOR-7332E0225S01 Datasheet
134Kb / 1P
   SMART CARD READER VXX 27790
logo
List of Unclassifed Man...
AU9520 ETC2-AU9520_05 Datasheet
204Kb / 17P
   USB Smart Card Reader Controller
logo
Holtek Semiconductor In...
HT66F4360 HOLTEK-HT66F4360 Datasheet
8Mb / 263P
   Smart Card Reader Flash MCU
logo
NXP Semiconductors
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
List of Unclassifed Man...
AU9525 ETC2-AU9525 Datasheet
478Kb / 15P
   USB Smart Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com