Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9515AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9515AD
Description  I2C-bus repeater
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515AD Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9515AD Datasheet HTML 1Page - NXP Semiconductors PCA9515AD Datasheet HTML 2Page - NXP Semiconductors PCA9515AD Datasheet HTML 3Page - NXP Semiconductors PCA9515AD Datasheet HTML 4Page - NXP Semiconductors PCA9515AD Datasheet HTML 5Page - NXP Semiconductors PCA9515AD Datasheet HTML 6Page - NXP Semiconductors PCA9515AD Datasheet HTML 7Page - NXP Semiconductors PCA9515AD Datasheet HTML 8Page - NXP Semiconductors PCA9515AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
PCA9515A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 April 2008
2 of 18
NXP Semiconductors
PCA9515A
I2C-bus repeater
I 0 Hz to 400 kHz clock frequency (the maximum system operating frequency may be
less than 400 kHz because of the delays added by the repeater)
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
I Packages offered: SO8 and TSSOP8 (MSOP8)
3.
Ordering information
[1]
Also known as MSOP8.
4.
Functional diagram
Table 1.
Ordering information
Tamb = −40 °C to +85 °C.
Type number
Topside
mark
Package
Name
Description
Version
PCA9515AD
PA9515A
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9515ADP
9515A
TSSOP8[1]
plastic thin shrink small outline package; 8 leads;
body width 3 mm
SOT505-1
Fig 1.
Functional diagram of PCA9515A
002aad738
PCA9515A
SDA0
SCL0
EN
SDA1
SCL1
VCC
GND
pull-up
resistor


Similar Part No. - PCA9515AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCA9515AD TI-PCA9515AD Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9515AD NXP-PCA9515AD Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
PCA9515AD TI1-PCA9515AD Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
PCA9515ADCTR TI-PCA9515ADCTR Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
PCA9515ADCTT TI-PCA9515ADCTT Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results

Similar Description - PCA9515AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com