Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9515A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9515A
Description  I2C-bus repeater
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9515A Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9515A Datasheet HTML 1Page - NXP Semiconductors PCA9515A Datasheet HTML 2Page - NXP Semiconductors PCA9515A Datasheet HTML 3Page - NXP Semiconductors PCA9515A Datasheet HTML 4Page - NXP Semiconductors PCA9515A Datasheet HTML 5Page - NXP Semiconductors PCA9515A Datasheet HTML 6Page - NXP Semiconductors PCA9515A Datasheet HTML 7Page - NXP Semiconductors PCA9515A Datasheet HTML 8Page - NXP Semiconductors PCA9515A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
PCA9515A_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 April 2008
5 of 18
NXP Semiconductors
PCA9515A
I2C-bus repeater
7.
Application design-in information
A typical application is shown in Figure 4. In this example, the system master is running
on a 3.3 V I2C-bus while the slave is connected to a 5 V bus. Both buses run at 100 kHz
unless the slave bus is isolated and then the master bus can run at 400 kHz. Master
devices can be placed on either bus.
The PCA9515A is 5 V tolerant, so it does not require any additional circuitry to translate
between the different bus voltages.
When one side of the PCA9515A is pulled LOW by a device on the I2C-bus, a CMOS
hysteresis type input detects the falling edge and causes the internal driver on the other
side to turn on, thus causing the other side to also go LOW. The side driven LOW by the
PCA9515A will typically be at VOL = 0.5 V.
In order to illustrate what would be seen in a typical application, refer to Figure 5 and
Figure 6. If the bus master in Figure 4 were to write to the slave through the PCA9515A,
we would see the waveform shown in Figure 5 on bus 0. This looks like a normal I2C-bus
transmission until the falling edge of the 8th clock pulse. At that point, the master releases
the data line (SDA) while the slave pulls it LOW through the PCA9515A. Because the VOL
of the PCA9515A is typically round 0.5 V, a step in the SDA will be seen. After the master
has transmitted the 9th clock pulse, the slave releases the data line.
On the bus 1 side of the PCA9515A, the clock and data lines would have a positive offset
from ground equal to the VOL of the PCA9515A. After the 8th clock pulse the data line will
be pulled to the VOL of the slave device, which is very close to ground in this example. It is
important to note that any arbitration or clock stretching events on bus 1 require that the
VOL of the PCA9515A (see VOL−VILc in Section 9 “Static characteristics”) to be recognized
by the PCA9515A and then transmitted to bus 0.
Fig 4.
Typical application
002aad739
VCC
PCA9515A
SDA0
SDA1
SCL0
SCL1
EN
10 k
10 k
SDA
SCL
BUS
MASTER
400 kHz
SLAVE
100 kHz
SDA
SCL
bus 0
bus 1
5 V
3.3 V
10 k
10 k


Similar Part No. - PCA9515A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
logo
Texas Instruments
PCA9515A TI-PCA9515A Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
logo
NXP Semiconductors
PCA9515A NXP-PCA9515A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
logo
Texas Instruments
PCA9515A TI1-PCA9515A Datasheet
1Mb / 24P
[Old version datasheet]   SMBus Repeater
PCA9515AD TI-PCA9515AD Datasheet
274Kb / 13P
[Old version datasheet]   DUAL BIDIRECTIONAL I2C BUS AND SMBus REPEATER
More results

Similar Description - PCA9515A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9515 PHILIPS-PCA9515 Datasheet
128Kb / 11P
   I2C-bus repeater
2004 Jun 24
PCA9515A PHILIPS-PCA9515A Datasheet
116Kb / 12P
   I2C-bus repeater
2004 Sep 29
PCA9515 NXP-PCA9515 Datasheet
102Kb / 16P
   I2C-bus repeater
Rev. 09-23 April 2009
PCA9515ADP-T NXP-PCA9515ADP-T Datasheet
222Kb / 20P
   I2C-bus repeater
Rev. 5-23 March 2012
logo
Texas Instruments
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
IXYS Corporation
CPC5902 IXYS-CPC5902 Datasheet
270Kb / 14P
   Optically Isolated I2C Bus Repeater
logo
Texas Instruments
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com