Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGRF500-AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # AGRF500-AP
Description  PolySwitch Resettable Devices Automotive Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AGRF500-AP Datasheet(HTML) 3 Page - Tyco Electronics

  AGRF500-AP Datasheet HTML 1Page - Tyco Electronics AGRF500-AP Datasheet HTML 2Page - Tyco Electronics AGRF500-AP Datasheet HTML 3Page - Tyco Electronics AGRF500-AP Datasheet HTML 4Page - Tyco Electronics AGRF500-AP Datasheet HTML 5Page - Tyco Electronics AGRF500-AP Datasheet HTML 6Page - Tyco Electronics AGRF500-AP Datasheet HTML 7Page - Tyco Electronics AGRF500-AP Datasheet HTML 8Page - Tyco Electronics AGRF500-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
151
RoHS Compliant, ELV Compliant
10
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
85°C
125°C
AHRF (High Temperature)
30V — Radial-leaded
AHRF050
0.7
0.6
0.6
0.5
0.5
0.4
0.4
0.4
0.3
0.3
0.1
AHRF070
1.0
0.9
0.8
0.7
0.7
0.6
0.6
0.5
0.5
0.4
0.2
AHRF100
1.4
1.2
1.1
1.0
1.0
0.9
0.8
0.7
0.7
0.6
0.2
AHRF (High Temperature)
16V — Radial-leaded
AHRF200
2.7
2.5
2.3
2.1
2.00
1.8
1.6
1.5
1.3
1.1
0.5
AHRF300
4.1
3.7
3.4
3.1
3.00
2.7
2.4
2.2
2.0
1.7
0.7
AHRF400
5.6
5.1
4.7
4.2
4.00
3.6
3.3
3.0
2.7
2.3
1.0
AHRF450
6.1
5.6
5.1
4.6
4.50
4.0
3.6
3.3
3.0
2.5
1.1
AHRF550
7.5
6.9
6.2
5.7
5.50
4.9
4.4
4.0
3.7
3.1
1.4
AHRF600
8.2
7.5
6.8
6.2
6.00
5.3
4.9
4.4
4.0
3.3
1.5
AHRF650
8.8
8.1
7.4
6.7
6.50
5.7
5.3
4.8
4.3
3.6
1.6
AHRF700
9.5
8.7
8.0
7.2
7.00
6.2
5.6
5.2
4.7
3.9
1.7
AHRF750
10.2
9.4
8.6
7.7
7.50
6.6
6.1
5.6
5.0
4.1
1.9
AHRF800
10.9
10.0
9.1
8.2
8.00
7.1
6.4
5.9
5.3
4.4
2.0
AHRF900
12.2
11.2
10.2
9.3
9.00
8.0
7.2
6.6
6.0
5.0
2.2
AHRF1000
13.6
12.5
11.4
10.3
10.00
8.8
8.1
7.4
6.6
5.5
2.5
AHRF1100
14.9
13.7
12.5
11.3
11.00
9.7
8.8
8.1
7.3
6.1
2.7
AHRF1300
17.7
16.3
14.8
13.4
13.00
11.4
10.5
9.6
8.6
7.2
3.3
AHRF1400
19.0
17.5
15.9
14.4
14.00
12.4
11.2
10.3
9.3
7.8
3.5
AHRF1500
20.4
18.8
17.1
15.5
15.00
13.2
12.1
11.1
9.9
8.3
3.8
AHEF (High Temperature)
32V — Radial-leaded
AHEF050
0.7
0.6
0.60
0.5
0.5
0.4
0.400
0.40
0.30
0.300
0.1
AHEF070
1.0
0.9
0.80
0.7
0.7
0.6
0.600
0.50
0.50
0.400
0.2
AHEF100
1.4
1.2
1.10
1.0
1.0
0.9
0.800
0.70
0.70
0.600
0.2
AHEF300
4.1
3.8
3.42
3.1
3.0
2.7
2.430
2.22
1.98
1.650
0.6
AHEF500
6.8
6.3
5.70
5.2
5.0
4.5
4.050
3.70
3.30
2.750
1.0
AHEF750
10.2
9.4
8.55
7.7
7.5
6.7
6.075
5.55
4.95
4.125
1.5
AHEF1000
13.6
12.5
11.40
10.3
10.0
8.9
8.100
7.40
6.60
5.500
2.0
AHS (High Temperature)
16V — Surface-mount
AHS080-2018
1.20
1.04
0.90
0.80
0.77
0.68
0.62
0.60
0.53
0.46
0.26
AHS160
2.15
1.96
1.78
1.60
1.55
1.42
1.33
1.24
1.15
1.01
0.64
AHS200
2.90
2.50
2.20
2.00
1.94
1.80
1.75
1.70
1.40
1.18
0.67
AHS300
4.20
3.80
3.70
3.00
2.92
2.63
2.44
2.10
2.00
1.76
1.00
ASMD
16-60V — Surface-mount
ASMD030F
0.35
0.31
0.27
0.23
0.22
0.19
0.17
0.15
0.13
0.11
ASMD050F
0.59
0.53
0.46
0.39
0.37
0.33
0.29
0.26
0.23
0.18
ASMD075F
0.91
0.81
0.71
0.60
0.58
0.50
0.45
0.40
0.35
0.28
ASMD100F
1.37
1.22
1.06
0.90
0.86
0.76
0.68
0.60
0.52
0.41
ASMD125F
1.58
1.40
1.23
1.04
1.00
0.87
0.78
0.70
0.60
0.48
ASMD150F
1.93
1.70
1.50
1.27
1.22
1.07
0.95
0.85
0.74
0.58
ASMD200F
2.63
2.34
2.04
1.73
1.66
1.45
1.30
1.16
1.00
0.80
ASMD250F
3.00
2.66
2.32
1.97
1.89
1.65
1.48
1.32
1.14
0.91
BD
14V— Bladed Device
BD280-1130-10/16
12.4
11.0
9.7
8.3
8.0
7.0
6.3
5.6
5.0
4.0
BD280-1130-15/16
17.4
15.7
14.1
12.4
12.0
10.8
9.9
9.1
8.3
7.0
BD280-1130-20/16
24.0
21.6
19.1
16.6
16.0
14.1
12.9
11.7
10.4
8.6
BD280-1927-25/16-W 32.0
28.3
24.6
20.9
20.0
17.2
15.4
13.5
11.7
8.9
BD280-1927-30/16-W 34.1
30.1
26.0
22.0
21.0
18.0
16.0
14.0
11.9
9.1
Table A2
Thermal Derating for Automotive Devices
[Hold Current (A) at Ambient Temperature (°C)]
Cont’d
NEW
NEW
NEW
NEW
NEW


Similar Part No. - AGRF500-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF500 MACOM-AGRF500 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AGRF500 MACOM-AGRF500 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
logo
Littelfuse
AGRF500 LITTELFUSE-AGRF500 Datasheet
352Kb / 2P
   Overcurrent Protection Device
More results

Similar Description - AGRF500-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com