Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLP273M016C9P3 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # SLP273M016C9P3
Description  Type SLP 105 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP273M016C9P3 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  SLP273M016C9P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP273M016C9P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 330 µF 350 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0
0.2
0.4
0.6
0.8
1
1.2
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Capacitance vs Frequency at Temperatures 1200 µF 200 V
85 ºC
25 ºC
45 ºC
0 ºC
–40 ºC
65 ºC
–20 ºC
105 ºC
0.1
1
10
100
1000
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures330 µF 350 V
–20 ºC
0 ºC
25 ºC
65 ºC
85 ºC
45 ºC
–40 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 330 µF 350 V
–40 ºC
0 ºC
25 ºC
85 ºC
65 ºC
45 ºC
–20 ºC
105 ºC
0.01
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP Impedance vs Frequency at Temperatures 1200 µF 200 V
–40 ºC
0 ºC
25 ºC
65 ºC 85 ºC
45 ºC
–20 ºC
105 ºC
Typical Performance Curves
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
0.1
1
10
100
10
100
1000
10000
100000
1000000
Frequency (Hz)
Type SLP ESR vs Frequency at Temperatures1200 µF 200 V
–20 ºC
0 ºC
25 ºC
65 ºC85 ºC
45 ºC
–40 ºC
105 C


Similar Part No. - SLP273M016C9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP273M016C9P3 CDE-SLP273M016C9P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
SLP273M016C9P3 CDE-SLP273M016C9P3 Datasheet
369Kb / 9P
   Best for switching power supplies
More results

Similar Description - SLP273M016C9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
NTE Electronics
SIT1000M50 NTE-SIT1000M50 Datasheet
18Kb / 2P
   105 SNAP-IN ALUMINUM ELECTROLYTIC
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com