Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGRF400-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # AGRF400-2
Description  PolySwitch Resettable Devices Automotive Devices
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AGRF400-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button AGRF400-2 Datasheet HTML 5Page - Tyco Electronics AGRF400-2 Datasheet HTML 6Page - Tyco Electronics AGRF400-2 Datasheet HTML 7Page - Tyco Electronics AGRF400-2 Datasheet HTML 8Page - Tyco Electronics AGRF400-2 Datasheet HTML 9Page - Tyco Electronics AGRF400-2 Datasheet HTML 10Page - Tyco Electronics AGRF400-2 Datasheet HTML 11Page - Tyco Electronics AGRF400-2 Datasheet HTML 12Page - Tyco Electronics AGRF400-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
157
RoHS Compliant, ELV Compliant
10
AHRF (High Temperature)
16V — Radial-leaded
AHRF1300
23.5
28.7
3.5
7.6
9.4
10.9
1.4
——
7.82
1.45
1.9
A5, A8,
(0.925)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.308) (0.057)
(0.08)
A9
AHRF1400
23.5
28.7
3.6
7.6
9.4
10.9
1.4
——
1.24
1.6
A5, A8,
(0.93)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.049)
(0.06)
A9
AHRF1500
23.5
28.7
3.5
7.6
9.4
10.9
1.4
——
7.82
——
A5, A8,
(0.93)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.308)
A9
AHEF (High Temperature)
32V — Radial-leaded
AHEF050
7.4
12.7
4.3
5.8
7.6
——
3.3
——
——
A8, A9,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.13)
A10
AHEF070
6.9
10.8
4.3
5.8
7.6
——
3.0
——
——
A8, A9,
(0.27)
(0.43)
(0.17) (0.23)
(0.30)
(0.12)
A11
AHEF100
9.7
13.6
4.3
5.8
7.6
——
3.0
——
——
A8, A9,
(0.38)
(0.54)
(0.17) (0.23)
(0.30)
(0.12)
A10
AHEF300
10.2
15.5
4.32
5.84
7.6
——
3.8
——
——
A8, A9,
(0.40)
(0.61)
(0.17) (0.23)
(0.30)
(0.15)
A12
AHEF500
14.0
24.1
4.3
5.8
11.5
——
3.8
——
——
A8, A9,
(0.55)
(0.95)
(0.17) (0.23)
(0.45)
(0.15)
A12
AHEF750
21.1
24.9
9.4
10.9
7.6
——
3.8
——
——
A8, A9,
(0.83)
(0.98)
(0.37) (0.43)
(0.30)
(0.15)
A12
AHEF1000
23.5
27.9
9.4
10.9
7.6
——
4.0
——
——
A8, A9,
(0.93)
(1.10)
(0.37) (0.43)
(0.30)
(0.16)
A12
Part Number
A
Min.
Max.
J
Max.
Figure
H
Typ.
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
AHS (High Temperature)
16V — Surface-mount
AHS080-2018
4.72
5.44
1.52
4.22
4.93
0.25
0.36
0.25
0.36
0.30
0.46
——
A6
(0.186) (0.214)
(0.060) (0.166) (0.194) (0.010) (0.014) (0.010) (0.014) (0.012) (0.018)
AHS160
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
AHS200
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.240) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
AHS300
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.240) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD
16-60V — Surface-mount
ASMD030F
6.73
7.98
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD050F
6.73
7.98
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD075F
6.73
7.98
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
A7
(0.265) (0.314)
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD100F
6.73
7.98
3.00
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
A7
(0.265) (0.314)
(0.118) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD125F
6.73
7.98
3.00
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
A7
(0.265) (0.314)
(0.118) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
ASMD150F
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD200F
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
ASMD250F
8.00
9.40
3.00
6.0
6.71
0.56
0.71
0.56
0.71
3.68
3.94
0.66
1.37
0.43
A7
(0.315) (0.370)
(0.118) (0.24) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
H
Min.
Max.
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
Cont’d


Similar Part No. - AGRF400-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AGRF400 MACOM-AGRF400 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
AGRF400 MACOM-AGRF400 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
logo
Littelfuse
AGRF400 LITTELFUSE-AGRF400 Datasheet
352Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
AGRF400 MACOM-AGRF400_1 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
More results

Similar Description - AGRF400-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com