Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX123M016C1P3 Datasheet(PDF) 8 Page - Cornell Dubilier Electronics

Part # SLPX123M016C1P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX123M016C1P3 Datasheet(HTML) 8 Page - Cornell Dubilier Electronics

  SLPX123M016C1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX123M016C1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SLPX 85 ºC Aluminum Electrolytic Snap-In Capacitors
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
120 Hz/25°C
120 Hz/85°C
Size (DxL)
μF
3000 h @ 85 ºC
(Ω)
(A
rms)
(mm)
200 Vdc (250 Vdc Surge)
1500
SLPX152M200H7P3
0.133
4.06
35 x 40
1500
SLPX152M200H4P3
0.133
4.26
35 x 45
1800
SLPX182M200H4P3
0.111
4.59
35 x 45
2200
SLPX222M200H9P3
0.090
5.25
35 x 50
220 Vdc (270 Vdc Surge)
220
SLPX221M220A1P3
0.905
1.30
22 x 25
270
SLPX271M220A1P3
0.737
1.42
22 x 25
330
SLPX331M220A3P3
0.603
1.59
22 x 30
330
SLPX331M220C1P3
0.603
1.59
25 x 25
390
SLPX391M220A5P3
0.510
1.80
22 x 35
390
SLPX391M220C1P3
0.510
1.75
25 x 25
470
SLPX471M220A5P3
0.423
2.06
22 x 35
470
SLPX471M220C3P3
0.423
2.08
25 x 30
470
SLPX471M220E1P3
0.423
2.16
30 x 25
560
SLPX561M220A7P3
0.355
2.22
22 x 40
560
SLPX561M220C5P3
0.355
2.38
25 x 35
560
SLPX561M220E1P3
0.355
2.18
30 x 25
680
SLPX681M220A4P3
0.293
2.62
22 x 45
680
SLPX681M220C7P3
0.293
2.56
25 x 40
680
SLPX681M220E3P3
0.293
2.52
30 x 30
820
SLPX821M220C4P3
0.243
2.91
25 x 45
820
SLPX821M220E5P3
0.243
2.84
30 x 35
820
SLPX821M220H3P3
0.243
2.79
35 x 30
1000
SLPX102M220C9P3
0.199
3.53
25 x 50
1000
SLPX102M220E7P3
0.199
3.36
30 x 40
1000
SLPX102M220H3P3
0.199
3.29
35 x 30
1200
SLPX122M200E7P3
0.166
3.54
30 x 40
1200
SLPX122M220E4P3
0.166
3.72
30 x 45
1200
SLPX122M220H5P3
0.166
3.68
35 x 35
1500
SLPX152M220H7P3
0.133
4.10
35 x 40
1800
SLPX182M220H4P3
0.111
4.52
35 x 45
250 Vdc (300 Vdc Surge)
220
SLPX221M250A1P3
0.905
1.24
22 x 25
270
SLPX271M250A3P3
0.737
1.50
22 x 30
330
SLPX331M250A3P3
0.603
1.66
22 x 30
330
SLPX331M250C1P3
0.603
1.61
25 x 25
390
SLPX391M250A5P3
0.510
1.88
22 x 35
390
SLPX391M250C3P3
0.510
1.88
25 x 30
470
SLPX471M250A7P3
0.423
2.15
22 x 40
470
SLPX471M250C5P3
0.423
2.15
25 x 35
470
SLPX471M250E1P3
0.423
2.04
30 x 25
560
SLPX561M250A4P3
0.355
2.48
22 x 45
560
SLPX561M250C5P3
0.355
2.35
25 x 35
560
SLPX561M250E3P3
0.355
2.35
30 x 30
680
SLPX681M250C7P3
0.293
2.67
25 x 40
680
SLPX681M250E5P3
0.293
2.71
30 x 35
820
SLPX821M250C9P3
0.243
3.01
25 x 50
820
SLPX681M250E5P3
0.243
2.98
30 x 35
820
SLPX821M250H3P3
0.243
2.96
35 x 30
1000
SLPX102M250E5P3
0.199
3.20
30 x 35
1000
SLPX102M250E4P3
0.199
3.56
30 x 45
1000
SLPX102M250E9P3
0.199
3.73
30 x 50
1000
SLPX102M250H5P3
0.199
3.48
35 x 35
1200
SLPX122M250E9P3
0.166
3.99
30 x 50
1200
SLPX122M250H7P3
0.166
3.84
35 x 40
1500
SLPX152M250H4P3
0.133
4.33
35 x 45
1800
SLPX182M250H9P3
0.111
4.54
35 x 50
8


Similar Part No. - SLPX123M016C1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX123M016C1P3 CDE-SLPX123M016C1P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX123M016C1P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX103M025A5P3 CDE-SLPX103M025A5P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com