Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXEF075-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # RXEF075-1
Description  Overcurrent Protection Device
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RXEF075-1 Datasheet(HTML) 1 Page - Tyco Electronics

  RXEF075-1 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
308 Constitution Drive
Menlo Park, CA
94025-1164
Phone: 800-227-4856
www.circuitprotection.com
PolySwitch®
PTC Devices
Overcurrent Protection Device
Raychem Circuit Protection Products
PRODUCT: RXEF075-1
DOCUMENT: SCD 26294
PCN:
RF0099
REV LETTER:
D
REV DATE: DECEMBER 9, 2009
PAGE NO.: 1 OF 1
Specification Status: Released
Electrical Rating
Voltage:
72V MAX
Current:
40A MAX
Insulating Material:
Cured, Flame Retardant Epoxy Polymer
meets UL94 V-0 Requirements
Lead Material:
24 AWG Tin Plated Copper
Marking:
TABLE I. DIMENSIONS:
A
B
C
D
E
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
mm:
--
10.2
--
15.2
4.3
5.8
25.4
--
--
3.0
in*:
--
(0.40)
--
(0.60)
(0.17)
(0.23)
(1.00)
--
--
(0.12)
*Rounded off approximation
TABLE II. PERFORMANCE RATINGS:
I HOLD
RATED
CURRENT
CURRENT
RATINGS
INITIAL
RESISTANCE
VALUES
TIME TO
TRIP
ONE HOUR
POST-TRIP
RESISTANCE
STANDARD
TRIP
TRIPPED-
STATE
POWER
DISSIPATION
AMPERES
AT 20
°C
AMPERES
AT 20
°C
OHMS
AT 20
°C
SECONDS
AT 20
°C,
3.75A
OHMS
AT 20
°C
WATTS
AT 20
°C
HOLD
HOLD
TRIP
MIN
MAX
MAX
MAX
NOMINAL
0.75
0.75
1.50
0.25
0.40
6.3
0.60
0.92
Agency Recognitions:
UL, CSA and TUV
Reference Documents:
PS300
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
© 2006, 2009 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - RXEF075-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXEF075-2 MACOM-RXEF075-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RXEF075-2 MACOM-RXEF075-2 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
RXEF075-AP MACOM-RXEF075-AP Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RXEF075-AP MACOM-RXEF075-AP Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
More results

Similar Description - RXEF075-1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
   Overcurrent Protection Device
RGEF800K LITTELFUSE-RGEF800K Datasheet
387Kb / 2P
   Overcurrent Protection Device
RGEF900 LITTELFUSE-RGEF900 Datasheet
363Kb / 2P
   Overcurrent Protection Device
RGEF900-1 LITTELFUSE-RGEF900-1 Datasheet
342Kb / 2P
   Overcurrent Protection Device
RGEF1100 LITTELFUSE-RGEF1100 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200 LITTELFUSE-RGEF1200 Datasheet
350Kb / 2P
   Overcurrent Protection Device
RGEF1200-1 LITTELFUSE-RGEF1200-1 Datasheet
274Kb / 2P
   Overcurrent Protection Device
RHEF050 LITTELFUSE-RHEF050 Datasheet
285Kb / 2P
   Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
   Overcurrent Protection Device
RHEF600 LITTELFUSE-RHEF600 Datasheet
338Kb / 2P
   Overcurrent Protection Device
RHEF700 LITTELFUSE-RHEF700 Datasheet
330Kb / 2P
   Overcurrent Protection Device
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com