Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9514A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9514A
Description  Hot swappable I2C-bus and SMBus bus buffer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9514A Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9514A Datasheet HTML 1Page - NXP Semiconductors PCA9514A Datasheet HTML 2Page - NXP Semiconductors PCA9514A Datasheet HTML 3Page - NXP Semiconductors PCA9514A Datasheet HTML 4Page - NXP Semiconductors PCA9514A Datasheet HTML 5Page - NXP Semiconductors PCA9514A Datasheet HTML 6Page - NXP Semiconductors PCA9514A Datasheet HTML 7Page - NXP Semiconductors PCA9514A Datasheet HTML 8Page - NXP Semiconductors PCA9514A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1.
General description
The PCA9513A and PCA9514A are hot swappable I2C-bus and SMBus buffers that allow
I/O card insertion into a live backplane without corrupting the data and clock buses.
Control circuitry prevents the backplane from being connected to the card until a stop
command or bus idle occurs on the backplane without bus contention on the card. When
the connection is made, the PCA9513A and PCA9514A provides bidirectional buffering,
keeping the backplane and card capacitances isolated.
Rise time accelerator circuitry allows the use of weaker DC pull-up currents while still
meeting rise time requirements. The PCA9513A and PCA9514A incorporates a digital
ENABLE input pin, which enables the device when asserted HIGH and forces the device
into a Low current mode when asserted LOW, and an open-drain READY output pin,
which indicates that the backplane and card sides are connected together (HIGH) or not
(LOW).
The PCA9513A supplies a 92
µA current source to SCLIN and SDAIN pins in lieu of using
pull-up resistors which is ideal for multidrop bus applications. Including the current source
in the device provides for a consistent RC time constant as cards are removed and
inserted into the backplane. The current source is high-impedance whenever the pin
voltage is greater than the part VCC.
The PCA9513A and PCA9514A rise time accelerator threshold is 0.8 V to provide better
noise margin over the PCA9511A which is set to 0.6 V.
Remark: The dynamic offset design of the PCA9510A/11A/12A/13A/14A I/O drivers allow
them to be connected to another PCA9510A/11A/12A/13A/14A device in series or in
parallel and to the A side of the PCA9517. The PCA9510A/11A/12A/13A/14A cannot
connect to the static offset I/Os used on the PCA9515/15A/16/16A/18 or PCA9517 B side
or P82B96 Sx/y side.
2.
Features
I Bidirectional buffer for SDA and SCL lines increases fan-out and prevents SDA and
SCL corruption during live board insertion and removal from multipoint backplane
systems
I Compatible with I2C-bus Standard mode, I2C-bus Fast mode, and SMBus standards
I Built-in ∆V/∆t rise time accelerators on all SDA and SCL lines (0.8 V threshold)
requires the bus pull-up voltage and supply voltage (VCC) to be the same
I Rise time accelerator threshold moved from 0.6 V to 0.8 V for improved noise margin
I Active HIGH ENABLE input
I Active HIGH READY open-drain output
I High-impedance SDAn and SCLn pins for VCC =0V
PCA9513A; PCA9514A
Hot swappable I2C-bus and SMBus bus buffer
Rev. 04 — 18 August 2009
Product data sheet


Similar Part No. - PCA9514A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9514A NXP-PCA9514A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9514AD PHILIPS-PCA9514AD Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9514ADP PHILIPS-PCA9514ADP Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
More results

Similar Description - PCA9514A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9510A NXP-PCA9510A Datasheet
153Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-18 August 2009
PCA9510A PHILIPS-PCA9510A Datasheet
140Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-8 September 2005
PCA9511A PHILIPS-PCA9511A Datasheet
144Kb / 23P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-15 August 2005
PCA9514A PHILIPS-PCA9514A Datasheet
154Kb / 25P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 01-11 October 2005
PCA9511DP-T NXP-PCA9511DP-T Datasheet
146Kb / 18P
   Hot swappable I2C-bus and SMBus bus buffer
2006 Aug 23
logo
ON Semiconductor
PCA9511A ONSEMI-PCA9511A Datasheet
352Kb / 17P
   Hot Swappable I2C-Bus and SMBus Bus Buffer
August, 2013 ??Rev. 0
logo
NXP Semiconductors
PCA9511A NXP-PCA9511A Datasheet
156Kb / 24P
   Hot swappable I2C-bus and SMBus bus buffer
Rev. 04-19 August 2009
PCA9510 PHILIPS-PCA9510 Datasheet
151Kb / 19P
   Hot swappable I2C and SMBus bus buffer
2004 Oct 05
logo
Diodes Incorporated
PI6ULS5V9511A DIODES-PI6ULS5V9511A Datasheet
1Mb / 17P
   Hot Swappable I2C Bus/SMBus Buffer
December 2018
logo
Texas Instruments
TCA9511A TI1-TCA9511A Datasheet
472Kb / 25P
[Old version datasheet]   TCA9511A Hot Swappable I2C Bus and SMBus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com