Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121PR-G Datasheet(PDF) 28 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121PR-G Datasheet(HTML) 28 Page - Torex Semiconductor

Back Button XC6223C121PR-G Datasheet HTML 24Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 25Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 26Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 27Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 28Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 29Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 30Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 31Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 32Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
28/36
XC6223 Series
USPQ-4B03 Power Dissipation
Board Mount (Tj max = 125℃)
Ambient Temperature(℃)
Power Dissipation Pd(mW)
Thermal Resistance (℃/W)
25
550
85
220
181.82
PACKAGING INFORMATION (Continued)
Power dissipation data for the USPQ-4B03 is shown in this page.
The value of power dissipation varies with the mount board conditions.
Please use this data as one of reference data taken in the described
condition.
2. Power Dissipation vs. Ambient temperature
Evaluation Board (Unit: mm)
Pd vs Ta
0
100
200
300
400
500
600
25
45
65
85
105
125
Ampient Temperature Ta(℃)
1.
Measurement Condition (Reference data)
Condition
: Mount on a board
Ambient
: Natural convection
Soldering
: Lead (Pb) free
Board Dimensions
: 40 x 40 mm (1600mm
2)
Board Structure
: 4 Copper Layers
Each layer is connected to the package heat-sink and
terminal pin No.1.
Each layer has approximately 800mm
2 copper area.
Material
: Glass Epoxy (FR-4)
Thickness
: 1.6 mm
Through-hole
: 4 x 0.8 Diameter


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn