Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121PR-G Datasheet(PDF) 24 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121PR-G Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6223C121PR-G Datasheet HTML 20Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 21Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 22Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 23Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 24Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 25Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 26Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 27Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 28Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24/36
XC6223 Series
(11) Ripple Rejection Rate
Ta = 25℃, VIN = 3.5VDC+0.5Vp-pAC
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃, VIN = 4.3VDC+0.5Vp-pAC
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃, VIN = 3.0VDC+0.5Vp-pAC
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃, VIN = 3.0VDC+0.5Vp-pAC
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
XC6223x121
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
XC6223x181
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
IOUT=0.1mA
IOUT=1mA
IOUT=30mA
XC6223x251
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
XC6223x331
0
20
40
60
80
100
0.01
0.1
1
10
100
Ripple Frequency: f [kHz]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn