Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121PR-G Datasheet(PDF) 23 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121PR-G Datasheet(HTML) 23 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23/36
XC6223
Series
(10) Inrush Current Response Time (E,F,G,H Type)
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 2.8V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 3.5V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 5.0V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
XC6223x401
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x251
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x181
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x121
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Time [20μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn