Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121PR-G Datasheet(PDF) 22 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121PR-G Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XC6223C121PR-G Datasheet HTML 18Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 19Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 20Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 21Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 22Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 23Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 24Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 25Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
22/36
XC6223 Series
(9) CE Rising Response Time (A,B,C,D Type) (Continued)
(9) CE Rising Response Time (E,F,G,H Type) (Continued)
VIN = 3.5V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 5.0V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
XC6223x251
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [20μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
CE Input Voltage
Output Voltage
XC6223x401
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [20μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
CE Input Voltage
Output Voltage
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 2.8V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 3.5V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 5.0V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
XC6223x401
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [50μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
XC6223x251
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [50μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
XC6223x181
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [50μs/div]
0
0.5
1
1.5
2
2.5
3
IOUT=0mA
IOUT=30mA
IOUT=100mA
XC6223x121
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [20μs/div]
0
0.5
1
1.5
2
2.5
3
IOUT=0mA
IOUT=30mA
IOUT=100mA
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn