Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121PR-G Datasheet(PDF) 17 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121PR-G Datasheet(HTML) 17 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
17/36
XC6223
Series
(5) Output Voltage vs. Ambient Temperature
(6) Rising Response Time
VIN = 3.5V
CIN = 1μF (ceramic), CL = 1μF (ceramic)
VIN = 5.0V
CIN = 1μF (ceramic), CL = 1μF (ceramic)
VIN = 2.8V
CIN = 1μF (ceramic), CL = 1μF (ceramic)
VIN = 2.2V
CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x121
1.18
1.19
1.20
1.21
1.22
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
IOUT= 1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x181
1.76
1.77
1.78
1.79
1.80
1.81
1.82
1.83
1.84
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
IOUT= 1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6223x401
3.92
3.94
3.96
3.98
4.00
4.02
4.04
4.06
4.08
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
IOUT= 1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6223x251
2.44
2.46
2.48
2.50
2.52
2.54
2.56
-50
-25
0
25
50
75
100
Ambient Temperature: Ta [℃]
IOUT= 1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
tr = 5μs, Ta = 25℃,VIN = 0→2.8V
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
tr = 5μs, Ta = 25℃,VIN = 0→2.2V
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
XC6223x121
-12.0
-9.0
-6.0
-3.0
0.0
3.0
6.0
Time [50μs/div]
0
0.4
0.8
1.2
1.6
2
2.4
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
XC6223x181
-12.0
-9.0
-6.0
-3.0
0.0
3.0
6.0
Time [50μs/div]
0
0.5
1
1.5
2
2.5
3
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn