Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121PR-G Datasheet(PDF) 16 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121PR-G Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6223C121PR-G Datasheet HTML 12Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 13Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 14Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 15Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 16Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 17Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 18Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 19Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16/36
XC6223 Series
(3) Dropout Voltage vs. Output Current (Continued)
(4) Supply Current vs. Input Voltage
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x401
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x251
0
20
40
60
80
100
120
140
160
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x401
0
50
100
150
200
250
300
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x121
0
20
40
60
80
100
120
140
160
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x181
0
20
40
60
80
100
120
140
160
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn