Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121PR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part No. XC6223C121PR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121PR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6223C121PR-G Datasheet HTML 1Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 2Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 3Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 4Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 5Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 6Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 7Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 8Page - Torex Semiconductor XC6223C121PR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1/36
XC6223 Series
Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
APPLICATIONS
Digital still cameras
Cell phones
Portable games
Camera modules
IC recorders
Portable media players
Bluetooth
Wireless LAN
Terrestrial digital TV tuners
Cordless phones
TYPICAL APPLICATION CIRCUIT
ETR0339-005
FEATURES
Maximum Output Current
: 300mA
Input Voltage Range
: 1.6~5.5V
Output Voltages
: 2.0~4.0V (Accuracy ±1%)
1.2~1.95V (Accuracy ±20mV)
0.05V increments
Dropout Voltage
: 200mV@IOUT=300mA (VOUT=3.0V)
Low Power Consumption
: 100μA
Stand-by Current
: 0.1μA
High Ripple Rejection
: 80dB@f=1kHz
Protection Circuits
: Current Limit(400mA)
Short Circuit Protection
Over Heat Protection
Inrush Current Protection
Low ESR Capacitors
: CIN =1.0μF, CL=1.0μF
CE Function
: Active High
CL High Speed Discharge
Small Packages
: USPQ-4B03
USP-4
SSOT-24
SOT-25
SOT-89-5
Environmentally Friendly
: EU RoHS Compliant, Pb Free
TYPICAL PERFORMANCE
CHARACTERISTICS
GENERAL DESCRIPTION
The XC6223 series is a high speed LDO regulator that features high accurate, low noise, high ripple rejection, low dropout
and low power consumption. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a
phase compensation circuit, a thermal shutdown circuit and an inrush current protection circuit.
The CE function enables the circuit to be in stand-by mode by inputting low level signal. In the stand-by mode, the series
enables the electric charge at the output capacitor CL to be discharged via the internal switch, and as a result the VOUT pin
quickly returns to the VSS level. The output stabilization capacitor CL is also compatible with low ESR ceramic capacitors.
The output voltage is selectable in 0.05V increments within the range of 1.2V to 4.0V which fixed by laser trimming
technologies. The over current protection circuit and the thermal shutdown circuit are built-in. These two protection circuits
will operate when the output current reaches current limit level or the junction temperature reaches temperature limit level.
tr = tf = 0.5μs, Ta = 25℃, IOUT = 1⇔150mA
VIN = 3.5V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
Time [20μs/div]
0
50
100
150
200
250
300
350
400
Output Voltage
Output Current


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn