Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAAA105M035G Datasheet(PDF) 4 Page - AVX Corporation

Part # TAAA105M035G
Description  Hermetic Axial Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAAA105M035G Datasheet(HTML) 4 Page - AVX Corporation

  TAAA105M035G Datasheet HTML 1Page - AVX Corporation TAAA105M035G Datasheet HTML 2Page - AVX Corporation TAAA105M035G Datasheet HTML 3Page - AVX Corporation TAAA105M035G Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
106
Axial Capacitors
Tape and Reel Packaging
TAR and TAA series are supplied as standard on axial
bandolier, in reel format or ‘ammo’ pack for use on high
speed axial automatic insertion equipment, or preforming
machines.
The tape format is compatible with standards for com-
ponent taping set out by major manufacturers of axial
automatic insertion equipment.
TAPE SPECIFICATION
REEL CONFIGURATION
Taper this
end
Colored
tape
-
+ White tape
P
G
K
E
L
7.00 max.
30 max.
400 max.
n
Shape: Circular or Octagonal
E max
1.60 (0.063)
G max
1.20 (0.047)
K
Component body shall be located centrally
within a window, width K, where K is 1.40 (0.060)
greater than the primary body length
L
52.4 ± 1.50 (2.060 ± 0.060)
P
5.00 ± 0.50 (0.200 ± 0.020)
leader max
400 (15.75)
trailer max
30.0 (1.200)
n
Will allow for unhindered reeling and unreeling
of the taped components. Preferred dimensions
73.0 (2.870) spacing.
DIMENSIONS:
millimeters (inches)
Case Size
Number of Pieces
Q
3000
R
3000
S
2000
W
2000
Case Size
Number of Pieces
A
3500
B
2500
C
500
D
400
PACKAGING QUANTITIES TAR
For reels
PACKAGING QUANTITIES TAA
For reels, Standard Suffix G
Case Size
Number of Pieces
A
1500
B
1000
C
250
D
250
For reels, Suffix K
SOLID TANTALUM AXIAL TAR AND TAA
TAPE AND REEL PACKAGING FOR AUTOMATIC COMPONENT INSERTION


Similar Part No. - TAAA105M035G

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0509 TRUMPOWER-TAA-1S0509 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0512 TRUMPOWER-TAA-1S0512 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0515 TRUMPOWER-TAA-1S0515 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TAA-1S0524 TRUMPOWER-TAA-1S0524 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
More results

Similar Description - TAAA105M035G

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
   HERMETIC AXIAL LEAD/MELF RECTIFIER
1N5806 SENSITRON-1N5806 Datasheet
47Kb / 2P
   HERMETIC AXIAL / MELF LEAD RECTIFIER
logo
New Jersey Semi-Conduct...
1N6512 NJSEMI-1N6512 Datasheet
236Kb / 1P
   70NS RECOVERY, AXIAL LEADED, HERMETIC
logo
Sensitron
SS5807 SENSITRON-SS5807 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENTCY RECTIFIER
1N5807 SENSITRON-1N5807_10 Datasheet
43Kb / 3P
   HERMETIC AXIAL / MELF HIGH EFFICIENCY RECTIFIER
1N5819-1 SENSITRON-1N5819-1 Datasheet
88Kb / 3P
   HERMETIC AXIAL LEAD / MELF GENERAL PURPOSE RECTIFIER
SS5819-1 SENSITRON-SS5819-1_08 Datasheet
48Kb / 3P
   HERMETIC AXIAL LEAD / MELF SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com