Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA9509GM Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9509GM
Description  Level translating I2C-bus/SMBus repeater
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9509GM Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9509GM Datasheet HTML 4Page - NXP Semiconductors PCA9509GM Datasheet HTML 5Page - NXP Semiconductors PCA9509GM Datasheet HTML 6Page - NXP Semiconductors PCA9509GM Datasheet HTML 7Page - NXP Semiconductors PCA9509GM Datasheet HTML 8Page - NXP Semiconductors PCA9509GM Datasheet HTML 9Page - NXP Semiconductors PCA9509GM Datasheet HTML 10Page - NXP Semiconductors PCA9509GM Datasheet HTML 11Page - NXP Semiconductors PCA9509GM Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
PCA9509_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 10 July 2009
8 of 19
NXP Semiconductors
PCA9509
Level translating I2C-bus/SMBus repeater
[2]
If the PCA9509 is not being enabled or disabled, the VCC(A) minimum is 0.95 V with a corresponding decrease in the IIL, which will drop
below the minimum specification of
−450 µA at cold temperature (see Figure 8 and Figure 9). This will not significantly change the rise
and fall times of the signals on port A since the IIL value represents the current source pull-up current, so a lower current into the same
capacitance will result in a slower rise time and a longer transition time in general, however since the lower current is also associated
with a lower voltage swing the delay is somewhat compensated. The key point of the graphs is that the current has a temperature
dependence, and the output driver will also have the same temperature dependency so that the output offset of ~200 mV on port A is
nearly temperature independent. Even though the IIL parameter indicates that at VCC(A) of 0.95 V the PCA9509 can only sink up to
400
µA instead of 450 µA at cold temperature, the output is designed to be somewhat resistive such that under nominal conditions
(1.1 V) the current source pull-up will source 1 mA and the output pull-down will sink the 1 mA at ~200 mV, so as the current source
current decreases the output pull-down resistance increases in order to maintain the offset.
[3]
VIL specification is for the falling edge seen by the port A input. VILc is for the static LOW levels seen by the port A input resulting in
port B output staying LOW.
[4]
The port A current source has a typical value of about 1 mA, but varies with both VCC(A) and VCC(B). Below VCC(A) of about 0.7 V the
port A current source current drops to 0 mA. The current source current dropping across the internal pull-down driver resistance of
about 200
Ω defines the VOL.
[5]
As long as the chip ground is common with the input ground reference the driver resistance may be as large as 120
Ω. However, ground
offset will rapidly decrease the maximum allowed driver resistance.
[6]
Guaranteed by design.
Pins under test = An pins
(1) High limit
(2) Maximum
(3) Mean
(4) Minimum
(5) Low limit
Pins under test = An pins
(1) High limit
(2) Maximum
(3) Mean
(4) Minimum
(5) Low limit
Fig 8.
LOW-level input current as a function of
temperature; VCC(A) = 1.0 V
Fig 9.
LOW-level input current as a function of
temperature; VCC(A) = 0.95 V
−1.6
−0.4
−0.8
−1.2
0
IIL
(mA)
Tamb (°C)
−40
85
002aae733
(1)
(5)
(2)
(3)
(4)
25
−1.6
−0.4
−0.8
−1.2
0
IIL
(mA)
Tamb (°C)
−40
85
002aae734
(1)
(5)
25
(2)
(3)
(4)


Similar Part No. - PCA9509GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509 NXP-PCA9509 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9509A NXP-PCA9509A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9509D PHILIPS-PCA9509D Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
PCA9509DP PHILIPS-PCA9509DP Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
More results

Similar Description - PCA9509GM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9509 TI1-TCA9509 Datasheet
318Kb / 14P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
JUNE2011
logo
NXP Semiconductors
PCA9509 PHILIPS-PCA9509 Datasheet
101Kb / 16P
   Level translating I2C-bus/SMBus repeater
Rev. 01-27 June 2006
logo
Texas Instruments
TCA9509 TI1-TCA9509_13 Datasheet
668Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C/SMBUS BUS REPEATER
logo
Nuvoton Technology Corp...
NCT5917W NUVOTON-NCT5917W Datasheet
481Kb / 18P
   Level translating I2C-bus/SMBus Repeater
NCT5927W NUVOTON-NCT5927W Datasheet
718Kb / 16P
   Level translating I2C-bus/SMBus Repeater
logo
NXP Semiconductors
PCA9509P NXP-PCA9509P Datasheet
1Mb / 23P
   Low power level translating I2C-bus/SMBus repeater
Rev. 1-14 August 2012
PCA9519 PHILIPS-PCA9519 Datasheet
108Kb / 17P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 01-22 June 2006
PCA9519 NXP-PCA9519 Datasheet
121Kb / 18P
   4-channel level translating I2C-bus/SMBus repeater
Rev. 02-13 August 2007
logo
Texas Instruments
TCA9509 TI1-TCA9509_V01 Datasheet
1Mb / 25P
[Old version datasheet]   TCA9509 Level-Translating I2C and SMBUS Bus Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com