Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8565TS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calendar
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565TS Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA8565TS Datasheet HTML 1Page - NXP Semiconductors PCA8565TS Datasheet HTML 2Page - NXP Semiconductors PCA8565TS Datasheet HTML 3Page - NXP Semiconductors PCA8565TS Datasheet HTML 4Page - NXP Semiconductors PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
PCA8565_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2009
5 of 39
NXP Semiconductors
PCA8565
Real time clock/calendar
8.
Device protection diagram
9.
Functional description
The PCA8565 contains sixteen 8-bit registers with an auto-incrementing address register,
an on-chip 32.768 kHz oscillator with one integrated capacitor, a frequency divider which
provides the source clock for the Real Time Clock (RTC), a programmable clock output, a
timer, an alarm, a voltage-low detector and a 400 kHz I2C-bus interface.
All 16 registers are designed as addressable 8-bit registers although not all bits are
implemented:
The first two registers (memory address 00h and 01h) are used as control and status
registers
The registers at memory addresses 02h through 08h are used as counters for the
clock function (seconds up to years counters)
Address locations 09h through 0Ch contain alarm registers which define the
conditions for an alarm
The register at address 0Dh controls the CLKOUT output frequency
At address 0Eh is the timer control register and address 0Fh contains the timer value
The arrays SECONDS, MINUTES, HOURS, DAYS, WEEKDAYS, MONTHS, YEARS as
well as the bit fields MINUTE_ALARM, HOUR_ALARM, DAY_ALARM and
WEEKDAY_ALARM are all coded in Binary Coded Decimal (BCD) format.
When one of the RTC registers is read the contents of all time counters are frozen. This
prevents faulty reading of the clock or calendar during a carry condition (see
Section 10.5.3).
Fig 4.
Device diode protection diagram of PCA8565
mce169
SDA
VSS
SCL
INT
CLKOUT
OSCO
VDD
OSCI
PCA8565


Similar Part No. - PCA8565TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8565TS PHILIPS-PCA8565TS Datasheet
581Kb / 26P
   Real time clock/calender
Rev. 01-31 March 2003
More results

Similar Description - PCA8565TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com