Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA8565TS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calendar
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8565TS Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA8565TS Datasheet HTML 1Page - NXP Semiconductors PCA8565TS Datasheet HTML 2Page - NXP Semiconductors PCA8565TS Datasheet HTML 3Page - NXP Semiconductors PCA8565TS Datasheet HTML 4Page - NXP Semiconductors PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
PCA8565_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 16 June 2009
3 of 39
NXP Semiconductors
PCA8565
Real time clock/calendar
6.
Block diagram
Fig 1.
Block diagram of PCA8565
001aah661
PCA8565
OSCILLATOR
32.768 kHz
DIVIDER
CLOCK OUT
INTERRUPT
CLKOUT
MONITOR
POWER-ON
RESET
WATCH
DOG
I2C
INTERFACE
OSCI
SCL
SDA
OSCO
VDD
VSS
TIMER FUNCTION
Timer_control
0Eh
Timer
0Fh
CONTROL
Control_1
00h
Control_2
01h
CLKOUT_control
0Dh
TIME
Seconds
02h
Minutes
03h
Hours
04h
Days
05h
ALARM FUNCTION
Minute_alarm
09h
Hour_alarm
0Ah
Day_alarm
0Bh
Weekday_alarm
0Ch
Weekdays
06h
Months_century
07h
Years
08h
INT


Similar Part No. - PCA8565TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA8565TS PHILIPS-PCA8565TS Datasheet
581Kb / 26P
   Real time clock/calender
Rev. 01-31 March 2003
More results

Similar Description - PCA8565TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8563 NXP-PCF8563_11 Datasheet
466Kb / 45P
   Real-time clock/calendar
Rev. 9-16 June 2011
PCF8563TF4.118 NXP-PCF8563TF4.118 Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCF8563 PHILIPS-PCF8563 Datasheet
692Kb / 30P
   Real-time clock/calendar
16 April 1999
logo
Xicor Inc.
X1205 XICOR-X1205 Datasheet
407Kb / 22P
   Real Time Clock/Calendar
logo
OKI electronic componet...
MSM58321 OKI-MSM58321 Datasheet
121Kb / 16P
   REAL TIME CLOCK/CALENDAR
logo
NXP Semiconductors
PCF8563 NXP-PCF8563 Datasheet
175Kb / 32P
   Real-time clock/calendar
Rev. 06-21 February 2008
logo
Tiger Electronic Co.,Lt...
PCF8563 TGS-PCF8563 Datasheet
2Mb / 23P
   Real-time Clock/Calendar
logo
NXP Semiconductors
PCF8563TS-T NXP-PCF8563TS-T Datasheet
492Kb / 50P
   Real-time clock/calendar
Rev. 10-3 April 2012
PCA2125 NXP-PCA2125_08 Datasheet
189Kb / 36P
   SPI Real-time clock/calendar
Rev. 01-28 July 2008
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com