Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTX958 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZTX958
Description  PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZTX958 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZTX958 Datasheet HTML 1Page - Zetex Semiconductors ZTX958 Datasheet HTML 2Page - Zetex Semiconductors ZTX958 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
110
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
0.01
0.1
20
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
Tamb=25°C
VCE(sat) v IC
IC - Collector Current (Amps)
-55°C
+25°C
+175°C
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
IC/IB=5
IC/IB=20
IC/IB=5
-55°C
+25°C
+100°C
+175°C
IC/IB=10
+100°C
+25°C
-55°C
VCE=10V
-55°C
+25°C
+100°C
+175°C
VCE=10V
300
200
100
VCE - Collector Voltage (Volts)
Safe Operating Area
1
1000
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.001
0.001
0.001
0.001
ZTX958
3-332


Similar Part No. - ZTX958

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX958 DIODES-ZTX958_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results

Similar Description - ZTX958

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 DIODES-ZTX955_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957_15 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 DIODES-ZTX955 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Zetex Semiconductors
ZTX948 ZETEX-ZTX948 Datasheet
69Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX949 ZETEX-ZTX949 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX951 ZETEX-ZTX951 Datasheet
63Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX955 ZETEX-ZTX955 Datasheet
65Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
logo
Diodes Incorporated
ZTX958 DIODES-ZTX958_15 Datasheet
76Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
ZTX957 DIODES-ZTX957 Datasheet
73Kb / 3P
   PNP SILICON PLANAR MEDIUM POWER HIGH CURRENT TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com