Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3S12HZ256J3MAL Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # S3S12HZ256J3MAL
Description  Microcontrollers
Download  692 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S3S12HZ256J3MAL Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button S3S12HZ256J3MAL Datasheet HTML 35Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 36Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 37Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 38Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 39Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 40Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 41Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 42Page - Freescale Semiconductor, Inc S3S12HZ256J3MAL Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 692 page
background image
Chapter 1 MC9S12HZ256 Device Overview
MC9S12HZ256 Data Sheet, Rev. 2.05
Freescale Semiconductor
39
1.5.6.3
PB[7:0] / FP[7:0] / ADDR[7:0] / DATA[7:0] — Port B I/O Pins
PB7–PB0 are general-purpose input or output pins. They can be configured as frontplane segment driver
outputs FP7–FP0 of the LCD. In MCU expanded modes of operation, these pins are used for the
multiplexed external address and data bus.
1.5.6.4
PE7 / FP22 / XCLKS / NOACC — Port E I/O Pin 7
PE7 is a general-purpose input or output pin. It can be configured as frontplane segment driver output FP22
of the LCD module.
The XCLKS is an input signal which controls whether a crystal in combination with the internal Colpitts
(low power) oscillator is used or whether Pierce oscillator/external clock circuitry is used. The state of this
pin is latched at the rising edge of RESET. If the input is a logic high the EXTAL pin is configured for an
external clock drive or a Pierce Oscillator. If the input is a logic low a Colpitts oscillator circuit is
configured on EXTAL and XTAL. Because this pin is an input with a pull-down device during reset, if the
pin remains floating, the default configuration is a Colpitts oscillator circuit on EXTAL and XTAL.
Figure 1-10. Colpitts Oscillator Connections (PE7 = 0)
Figure 1-11. Pierce Oscillator Connections (PE7 = 1)
MCU
C2
EXTAL
XTAL
Crystal or
VSSPLL
ceramic resonator
C1
CDC*
* Due to the nature of a translated ground Colpitts oscillator a
DC voltage bias is applied to the crystal. Please contact
the crystal manufacturer for crystal DC.
MCU
EXTAL
XTAL
RS
*
RB
VSSPLL
Crystal or
ceramic resonator
C2
C1
* Rs can be zero (shorted) when use with higher frequency crystals.
Refer to manufacturer’s data.


Similar Part No. - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S3S12HZ256J3MAL FREESCALE-S3S12HZ256J3MAL Datasheet
3Mb / 692P
   HCS12 Microcontrollers
More results

Similar Description - S3S12HZ256J3MAL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com