Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121GR-G Datasheet(PDF) 34 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121GR-G Datasheet(HTML) 34 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
34/36
XC6223 Series
SSOT-24 (with bar)
MARK
OUTPUT VOLTAGE
0.1V INCREMENTS
OUTPUT VOLTAGE
0.05V INCREMENTS
VOLTAGE =1.2~2.9V
VOLTAGE =3.0~4.0V
VOLTAGE =1.25~3.95V
PRODUCT SERIES
B
3
8
XC6223A*****
C
5
9
XC6223B*****
D
7
S
XC6223C*****
E
A
T
XC6223D*****
K
F
U
XC6223E*****
L
H
V
XC6223F*****
M
P
X
XC6223G*****
N
Z
Y
XC6223H*****
MARK
OUTPUT VOLTAGE (V)
MARK
OUTPUT VOLTAGE (V)
0
-
-
-
-
F
2.50
3.20
-
2.55
1
-
-
-
-
H
2.60
3.30
-
2.65
2
1.20
-
-
1.25
K
2.70
3.40
-
2.75
3
1.30
-
-
1.35
L
2.80
3.50
-
2.85
4
1.40
-
-
1.45
M
2.90
3.60
-
2.95
5
1.50
-
-
1.55
N
-
-
-
3.05
6
1.60
-
-
1.65
P
-
3.70
-
3.15
7
1.70
-
-
1.75
R
-
3.80
-
3.25
8
1.80
-
-
1.85
S
-
3.90
-
3.35
9
1.90
-
-
1.95
T
-
4.00
-
3.45
A
2.00
-
-
2.05
U
-
-
-
3.55
B
2.10
-
-
2.15
V
-
-
-
3.65
C
2.20
-
-
2.25
X
-
-
-
3.75
D
2.30
3.00
-
2.35
Y
-
-
-
3.85
E
2.40
3.10
-
2.45
Z
-
-
-
3.95
represents type of regulator and output voltage range.
represents output voltage.
③④
represents production lot number.
01 to 09, 0A to 0Z, 11 to 9Z, A1 to A9, AA to Z9, ZA to ZZ in order.
(G, I, J, O, Q, W excepted)
*No character inversion used.
SSOT-24(with bar)
(TOP VIEW)
1
2
3
4
MARKING RULE (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn