Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121GR-G Datasheet(PDF) 3 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121GR-G Datasheet(HTML) 3 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
3/36
XC6223
Series
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Inrush Current Protection
CE Pull-Down Resistor
CL Discharge
A
NO
NO
NO
B
NO
NO
YES
C
NO
YES (1MΩ, TYP built-in)
NO
D
NO
YES (1MΩ, TYP built-in)
YES
E
YES
NO
NO
F
YES
NO
YES
G
YES
YES (1MΩ, TYP built-in)
NO
Type of Regulator
(CE active high)
H
(The Recommended Type)
YES
YES (1MΩ, TYP built-in)
YES
②③
Output Voltage
12~40
ex.) 2.80V → ②=2, ③=8, ④=please see down below.
1
ex.) 2.80V → ④=1
Output Voltage
(2
nd decimal place)
B
ex.) 2.85V → ④=B
9R-G
USPQ-4B03 (5,000/Reel)
GR-G
USP-4 (3,000/Reel)
NR-G
SSOT-24 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦(*1)
Packages
(Order Unit)
PR-G
SOT-89-5 (3,000/Reel)
PRODUCT CLASSIFICATION
Ordering Information
XC6223①②③④⑤⑥-⑦(*1)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn