Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121GR-G Datasheet(PDF) 23 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121GR-G Datasheet(HTML) 23 Page - Torex Semiconductor

Back Button XC6223C121GR-G Datasheet HTML 19Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 20Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 21Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 22Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 23Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 24Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 25Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 26Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 27Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
23/36
XC6223
Series
(10) Inrush Current Response Time (E,F,G,H Type)
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 2.8V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 3.5V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 5.0V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
XC6223x401
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x251
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x181
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
XC6223x121
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
Time [20μs/div]
0
50
100
150
200
250
300
350
400
Rush Current
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
CE Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn