Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6223C121GR-G Datasheet(PDF) 21 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6223C121GR-G Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6223C121GR-G Datasheet HTML 17Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 18Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 19Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 20Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 21Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 22Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 23Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 24Page - Torex Semiconductor XC6223C121GR-G Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
XC6223
Series
(8) Load Transient Response (tr=tf=5μs) (Continued)
(9) CE Rising Response Time (A,B,C,D Type)
tr = tf = 5μs, Ta = 25℃, IOUT = 1⇔150mA
VIN = 5.0V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
tr = tf = 5μs, Ta = 25℃, IOUT = 50⇔100mA
VIN = 5.0V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
tr = tf = 5μs, Ta = 25℃, IOUT = 1⇔150mA
VIN = 3.5V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
tr = tf = 5μs, Ta = 25℃, IOUT = 50⇔100mA
VIN = 3.5V, CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Output Voltage
Output Current
XC6223x401
3.94
3.95
3.96
3.97
3.98
3.99
4.00
4.01
4.02
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Output Voltage
Output Current
XC6223x251
2.44
2.45
2.46
2.47
2.48
2.49
2.50
2.51
2.52
Time [50μs/div]
0
50
100
150
200
250
300
350
400
Output Voltage
Output Current
Output Voltage
Output Current
XC6223x401
3.94
3.95
3.96
3.97
3.98
3.99
4.00
4.01
4.02
Time [50μs/div]
0
50
100
150
200
250
300
350
400
VIN = 2.2V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
VIN = 2.8V, tr = 5μs, Ta = 25℃
VCE = 0→VIN, CIN = CL = 1.0μF (ceramic)
XC6223x181
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [20μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
CE Input Voltage
Output Voltage
XC6223x121
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [20μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT=0mA
IOUT=30mA
IOUT=100mA
CE Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn