Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121GR-G Datasheet(PDF) 18 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121GR-G Datasheet(HTML) 18 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
18/36
XC6223 Series
(6) Rising Response Time (Continued)
(7) Input Transient Response
tr = tf = 5μs, Ta = 25℃, VIN = 2.2V⇔3.2V
CIN = 0.1μF (ceramic), CL = 1.0μF (ceramic)
tr = tf = 5μs, Ta = 25℃, VIN = 2.8V⇔3.8V
CIN = 0.1μF (ceramic), CL = 1.0μF (ceramic)
tr = tf = 5μs, Ta = 25℃, VIN = 3.5V⇔4.5V
CIN = 0.1μF (ceramic), CL = 1.0μF (ceramic)
tr = tf = 5μs, Ta = 25℃, VIN = 4.5V⇔5.5V
CIN = 0.1μF (ceramic), CL = 1.0μF (ceramic)
XC6223x401
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [100μs/div]
3.98
3.99
4
4.01
4.02
4.03
4.04
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6223x251
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time [100μs/div]
2.48
2.49
2.5
2.51
2.52
2.53
2.54
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
XC6223x181
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
Time [100μs/div]
1.79
1.8
1.81
1.82
1.83
1.84
1.85
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
Input Voltage
Output Voltage
XC6223x121
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
Time [100μs/div]
1.18
1.19
1.2
1.21
1.22
1.23
1.24
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
Input Voltage
Output Voltage
tr = 5μs, Ta = 25℃,VIN = 0→3.5V
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
tr = 5μs, Ta = 25℃,VIN = 0→5.0V
CIN = 0.1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
-12.0
-9.0
-6.0
-3.0
0.0
3.0
6.0
Time [50μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
XC6223x401
-12.0
-9.0
-6.0
-3.0
0.0
3.0
6.0
Time [50μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
IOUT=0.1mA
IOUT=30mA
IOUT=100mA
Input Voltage
Output Voltage
Input Voltage
Output Voltage
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn