Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121GR-G Datasheet(PDF) 15 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121GR-G Datasheet(HTML) 15 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15/36
XC6223
Series
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current
Ta = 25℃
C
IN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
C
IN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
C
IN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
C
IN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x251
1.7
1.9
2.1
2.3
2.5
2.7
1.5
2.0
2.5
3.0
3.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x251
2.470
2.480
2.490
2.500
2.510
2.520
2.530
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x401
3.2
3.4
3.6
3.8
4.0
4.2
3.0
3.5
4.0
4.5
5.0
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x401
3.960
3.970
3.980
3.990
4.000
4.010
4.020
4.030
4.040
4.5
4.7
4.9
5.1
5.3
5.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x121
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6223x181
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn