Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

XC6223C121GR-G Datasheet(PDF) 14 Page - Torex Semiconductor

Part No. XC6223C121GR-G
Description  Built-in Inrush Current Protection, 300mA High Speed LDO Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6223C121GR-G Datasheet(HTML) 14 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14/36
XC6223 Series
(1) Output Voltage vs. Output Current (Continued)
(2) Output Voltage vs. Input Voltage
Ta = 25℃
CIN = 1.0μF (ceramic)
VIN = 5.0V
CIN = 1.0μF (ceramic)
XC6223x401
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
Output Current: IOUT [mA]
Ta=-40℃
Ta=25℃
Ta=85℃
XC6223x401
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
100
200
300
400
500
Output Current: IOUT [mA]
VIN=4.1V
25℃
VIN=5.0V
25℃
VIN=4.1V
VIN=4.5V
VIN=5.0V
VIN=5.5V
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
Ta = 25℃
CIN = 1μF (ceramic), CL = 1μF (ceramic)
XC6223x121
0.4
0.6
0.8
1.0
1.2
1.4
0.5
1.0
1.5
2.0
2.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x121
1.188
1.192
1.196
1.200
1.204
1.208
1.212
2.02.5
3.03.5
4.04.5
5.0
5.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x181
1.0
1.2
1.4
1.6
1.8
2.0
0.5
1.0
1.5
2.0
2.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA
XC6223x181
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
2.02.5
3.03.5
4.0
4.5
5.05.5
Input Voltage: VIN [V]
IOUT=1mA
IOUT=10mA
IOUT=30mA
IOUT=50mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn