Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128MPB Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # MC9S12C128MPB
Description  Reference Manual
Download  690 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128MPB Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128MPB Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 86Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 87Page - Freescale Semiconductor, Inc MC9S12C128MPB Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 690 page
background image
Chapter 2 Port Integration Module (PIM9C32) Block Description
84
MC9S12C-Family / MC9S12GC-Family
Freescale Semiconductor
Rev 01.24
2.3.2.1.6
Port T Polarity Select Register (PTTST)
Read: Anytime.
Write: Anytime.
2.3.2.1.7
Port T Module Routing Register (MODRR)
Read: Anytime.
Write: Anytime.
NOTE
MODRR[4] must be kept clear on devices featuring a 4 channel PWM.
Module Base + 0x0005
76543210
R
PPST7
PPST6
PPST5
PPST4
PPST3
PPST2
PPST1
PPST0
W
Reset
0
0
0
00000
Figure 2-8. Port T Polarity Select Register (PPST)
Table 2-8. PPST Field Descriptions
Field
Description
7–0
PPST[7:0]
Pull Select Port T — This register selects whether a pull-down or a pull-up device is connected to the pin.
0 A pull-up device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
1 A pull-down device is connected to the associated port T pin, if enabled by the associated bit in register PERT
and if the port is used as input.
Module Base + 0x0007
76543210
R
000
MODRR4
MODRR3
MODRR2
MODRR1
MODRR0
W
Reset
00000
= Unimplemented or Reserved
Figure 2-9. Port T Module Routing Register (MODRR)
Table 2-9. MODRR Field Descriptions
Field
Description
4–0
MODRR[4:0]
Module Routing Register Port T — This register selects the module connected to port T.
0 Associated pin is connected to TIM module
1 Associated pin is connected to PWM module


Similar Part No. - MC9S12C128MPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128MPB FREESCALE-MC9S12C128MPB Datasheet
3Mb / 680P
   Microcontrollers
MC9S12C128MPB FREESCALE-MC9S12C128MPB Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128MPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
logo
List of Unclassifed Man...
MAX32 ETC1-MAX32 Datasheet
1Mb / 20P
   Board Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com