Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12C128VPB Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC9S12C128VPB
Description  Reference Manual
Download  690 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12C128VPB Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC9S12C128VPB Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S12C128VPB Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 690 page
background image
Chapter 1 MC9S12C and MC9S12GC Device Overview (MC9S12C128)
Freescale Semiconductor
MC9S12C-Family / MC9S12GC-Family
25
Rev 01.24
Figure 1-5. MC9S12C32 and MC9S12GC32 User Configurable Memory Map
0x0000
0xFFFF
0xC000
0x8000
0x4000
0x0400
0xFF00
EXT
NORMAL
SINGLE CHIP
EXPANDED
SPECIAL
SINGLE CHIP
VECTORS
VECTORS
0xFF00
0xFFFF
BDM
(If Active)
0xC000
0xFFFF
16K Fixed Flash EEPROM
0x8000
0xBFFF
16K Page Window
2 * 16K Flash EEPROM Pages
0x3800
0x3FFF
0x0000
0x03FF
1K Register Space
Mappable to any 2K Boundary
Mappable to any 2K Boundary
2K Bytes RAM
0x3800
The figure shows a useful map, which is not the map out of reset. After reset the map is:
0x0000–0x03FF: Register space
0x0800–0x0FFF: 2K RAM
VECTORS
Flash erase sector size is 512 bytes
PAGE MAP
0x003E
0x003F
PPAGE
The flash page 0x003E is visible at 0x4000–0x7FFF in the memory map if ROMHM = 0.
In the figure ROMHM = 1 removing page 0x003E from 0x4000–0x7FFF.


Similar Part No. - MC9S12C128VPB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12C128VPB FREESCALE-MC9S12C128VPB Datasheet
3Mb / 680P
   Microcontrollers
MC9S12C128VPB FREESCALE-MC9S12C128VPB Datasheet
2Mb / 690P
   Reference Manual
More results

Similar Description - MC9S12C128VPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S12ZVMB NXP-MC9S12ZVMB Datasheet
10Mb / 760P
   Reference Manual
Rev. 1.4 18 June 2019
logo
Freescale Semiconductor...
S9S12C128F0MFUE FREESCALE-S9S12C128F0MFUE Datasheet
2Mb / 690P
   Reference Manual
MPC563MZP66 FREESCALE-MPC563MZP66 Datasheet
10Mb / 1420P
   Reference Manual
MC9S12XS256RMV1 FREESCALE-MC9S12XS256RMV1 Datasheet
9Mb / 738P
   Reference Manual
logo
List of Unclassifed Man...
ARM7TDMI_G ETC2-ARM7TDMI_G Datasheet
1Mb / 284P
   Technical Reference Manual
logo
ATMEL Corporation
AVR32UC ATMEL-AVR32UC_10 Datasheet
1Mb / 159P
   Technical Reference Manual
logo
Texas Instruments
SPRUGZ8D TI1-SPRUGZ8D Datasheet
15Mb / 3016P
[Old version datasheet]   Technical Reference Manual
logo
List of Unclassifed Man...
ARM946E-S ETC1-ARM946E-S Datasheet
2Mb / 218P
   TECHNICAL REFERENCE MANUAL
logo
Freescale Semiconductor...
MC9S12P64VLHR FREESCALE-MC9S12P64VLHR Datasheet
7Mb / 566P
   MC9S12P128 Reference Manual
logo
List of Unclassifed Man...
MAX32 ETC1-MAX32 Datasheet
1Mb / 20P
   Board Reference Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com