Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH32CWLRR Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MC9S08SH32CWLRR
Description  Microcontrollers
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH32CWLRR Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH32CWLRR Datasheet HTML 78Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 79Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 80Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 81Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 82Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 83Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 84Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 85Page - Freescale Semiconductor, Inc MC9S08SH32CWLRR Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 328 page
background image
Chapter 6 Parallel Input/Output Control
MC9S08SH32 Series Data Sheet, Rev. 2
82
Freescale Semiconductor
6.6.1.2
Port A Data Direction Register (PTADD)
6.6.1.3
Port A Pull Enable Register (PTAPE)
NOTE
Pull-down devices only apply when using pin interrupt functions, when
corresponding edge select and pin select functions are configured to detect
rising edges.
76543210
R
PTADD7
PTADD6
PTADD5
PTADD41
1
PTADD4 has no effect on the output-only PTA4 pin.
PTADD3
PTADD2
PTADD1
PTADD0
W
Reset:
00000000
Figure 6-4. Port A Data Direction Register (PTADD)
Table 6-3. PTADD Register Field Descriptions
Field
Description
7:0
PTADD[7:0]
Data Direction for Port A Bits — These read/write bits control the direction of port A pins and what is read for
PTAD reads.
0 Input (output driver disabled) and reads return the pin value.
1 Output driver enabled for port A bit n and PTAD reads return the contents of PTADn.
76543210
R
PTAPE7
PTAPE6
PTAPE51
1
PTAPE5 can be used to pullup PTA5 when configured as open drain output pin, however pullup will not pull pin all the way to
VDD. An external pullup should be used if applications requires PTA5 to be driven to VDD.
PTAPE42
2
PTAPE4 has no effect on the output-only PTA4 pin.
PTAPE3
PTAPE2
PTAPE1
PTAPE0
W
Reset:
00000000
Figure 6-5. Internal Pull Enable for Port A Register (PTAPE)
Table 6-4. PTAPE Register Field Descriptions
Field
Description
7:0
PTAPE[7:0]
Internal Pull Enable for Port A Bits — Each of these control bits determines if the internal pull-up or pull-down
device is enabled for the associated PTA pin. For port A pins (except for PTA5) that are configured as outputs,
these bits have no effect and the internal pull devices are disabled.
0 Internal pull-up/pull-down device disabled for port A bit n.
1 Internal pull-up/pull-down device enabled for port A bit n.
PRELIMINARY


Similar Part No. - MC9S08SH32CWLRR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH32CWL FREESCALE-MC9S08SH32CWL Datasheet
1Mb / 328P
   MC9S08SH32 Series Features
More results

Similar Description - MC9S08SH32CWLRR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com