Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH8MFKRR Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MC9S08SH8MFKRR
Description  Microcontrollers
Download  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH8MFKRR Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH8MFKRR Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08SH8MFKRR Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 338 page
background image
Chapter 1 Device Overview
MC9S08SH8 MCU Series Data Sheet, Rev. 3
22
Freescale Semiconductor
1.3
System Clock Distribution
Figure 1-2 shows a simplified clock connection diagram. Some modules in the MCU have selectable clock
inputs as shown. The clock inputs to the modules indicate the clock(s) that are used to drive the module
function.
The following defines the clocks used in this MCU:
BUSCLK — The frequency of the bus is always half of ICSOUT.
ICSOUT — Primary output of the ICS and is twice the bus frequency.
ICSLCLK — Development tools can select this clock source to speed up BDC communications in
systems where the bus clock is configured to run at a very slow frequency.
ICSERCLK — External reference clock can be selected as the RTC clock source and as the
alternate clock for the ADC module.
ICSIRCLK — Internal reference clock can be selected as the RTC clock source.
ICSFFCLK — Fixed frequency clock can be selected as clock source for the TPM1, TPM2 and
MTIM modules.
LPOCLK — Independent 1-kHz clock source that can be selected as the clock source for the COP
and RTC modules.
TCLK — External input clock source for TPM1, TPM2 and MTIM and is referenced as TPMCLK
in TPM chapters.
Figure 1-2. System Clock Distribution Diagram
TPM1
TPM2
MTIM
SCI
BDC
CPU
ADC
IIC
FLASH
ICS
ICSOUT
÷2
BUSCLK
ICSLCLK
ICSERCLK
COP
* The fixed frequency clock (FFCLK) is internally
synchronized to the bus clock and must not exceed one half
of the bus clock frequency.
FLASH has frequency
requirements for program
and erase operation. See
the electricals appendix
for details.
ADC has min and max
frequency requirements.
See the ADC chapter
and electricals appendix
for details.
XOSC
EXTAL
XTAL
SPI
FFCLK*
ICSFFCLK
RTC
1 kHZ
LPO
TCLK
ICSIRCLK
÷2
SYNC*
LPOCLK


Similar Part No. - MC9S08SH8MFKRR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8MFKR FREESCALE-MC9S08SH8MFKR Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
More results

Similar Description - MC9S08SH8MFKRR

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com