Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4350T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PBSS4350T
Description  50 V; 3 A NPN low VCEsat (BISS) transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4350T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PBSS4350T Datasheet HTML 2Page - NXP Semiconductors PBSS4350T Datasheet HTML 3Page - NXP Semiconductors PBSS4350T Datasheet HTML 4Page - NXP Semiconductors PBSS4350T Datasheet HTML 5Page - NXP Semiconductors PBSS4350T Datasheet HTML 6Page - NXP Semiconductors PBSS4350T Datasheet HTML 7Page - NXP Semiconductors PBSS4350T Datasheet HTML 8Page - NXP Semiconductors PBSS4350T Datasheet HTML 9Page - NXP Semiconductors PBSS4350T Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2004 Jan 09
9
NXP Semiconductors
Product data sheet
50 V; 3 A NPN low VCEsat (BISS) transistor
PBSS4350T
DATA SHEET STATUS
Notes
1.
Please consult the most recently issued document before initiating or completing a design.
2.
The product status of device(s) described in this document may have changed since this document was published
and may differ in case of multiple devices. The latest product status information is available on the Internet at
URL http://www.nxp.com.
DOCUMENT
STATUS(1)
PRODUCT
STATUS(2)
DEFINITION
Objective data sheet
Development
This document contains data from the objective specification for product
development.
Preliminary data sheet
Qualification
This document contains data from the preliminary specification.
Product data sheet
Production
This document contains the product specification.
DISCLAIMERS
General
⎯ Information in this document is believed to be
accurate and reliable. However, NXP Semiconductors
does not give any representations or warranties,
expressed or implied, as to the accuracy or completeness
of such information and shall have no liability for the
consequences of use of such information.
Right to make changes
⎯ NXP Semiconductors
reserves the right to make changes to information
published in this document, including without limitation
specifications and product descriptions, at any time and
without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.
Suitability for use
⎯ NXP Semiconductors products are
not designed, authorized or warranted to be suitable for
use in medical, military, aircraft, space or life support
equipment, nor in applications where failure or malfunction
of an NXP Semiconductors product can reasonably be
expected to result in personal injury, death or severe
property or environmental damage. NXP Semiconductors
accepts no liability for inclusion and/or use of NXP
Semiconductors products in such equipment or
applications and therefore such inclusion and/or use is at
the customer’s own risk.
Applications
⎯ Applications that are described herein for
any of these products are for illustrative purposes only.
NXP Semiconductors makes no representation or
warranty that such applications will be suitable for the
specified use without further testing or modification.
Limiting values
⎯ Stress above one or more limiting
values (as defined in the Absolute Maximum Ratings
System of IEC 60134) may cause permanent damage to
the device. Limiting values are stress ratings only and
operation of the device at these or any other conditions
above those given in the Characteristics sections of this
document is not implied. Exposure to limiting values for
extended periods may affect device reliability.
Terms and conditions of sale
⎯ NXP Semiconductors
products are sold subject to the general terms and
conditions of commercial sale, as published at
http://www.nxp.com/profile/terms, including those
pertaining to warranty, intellectual property rights
infringement and limitation of liability, unless explicitly
otherwise agreed to in writing by NXP Semiconductors. In
case of any inconsistency or conflict between information
in this document and such terms and conditions, the latter
will prevail.
No offer to sell or license
⎯ Nothing in this document
may be interpreted or construed as an offer to sell products
that is open for acceptance or the grant, conveyance or
implication of any license under any copyrights, patents or
other industrial or intellectual property rights.
Export control
⎯ This document as well as the item(s)
described herein may be subject to export control
regulations. Export might require a prior authorization from
national authorities.
Quick reference data
⎯ The Quick reference data is an
extract of the product data given in the Limiting values and
Characteristics sections of this document, and as such is
not complete, exhaustive or legally binding.


Similar Part No. - PBSS4350T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350T PHILIPS-PBSS4350T Datasheet
84Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350T PHILIPS-PBSS4350T Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Foshan Blue Rocket Elec...
PBSS4350T FOSHAN-PBSS4350T Datasheet
950Kb / 6P
   Silicon NPN transistor in a SOT-23 Plastic Package
logo
Nexperia B.V. All right...
PBSS4350T NEXPERIA-PBSS4350T Datasheet
1Mb / 13P
   50 V; 3 A NPN low VCEsat transistor
1 January 2023
logo
Guangdong Kexin Industr...
PBSS4350T-3 KEXIN-PBSS4350T-3_15 Datasheet
1Mb / 5P
   NPN Transistors
More results

Similar Description - PBSS4350T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350T PHILIPS-PBSS4350T Datasheet
84Kb / 10P
   50 V; 3 A NPN low VCEsat (BISS) transistor
2004 Jan 09
PBSS4350X PHILIPS-PBSS4350X_15 Datasheet
133Kb / 12P
   NPN low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS4250X PHILIPS-PBSS4250X Datasheet
77Kb / 9P
   50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
PBSS4250X PHILIPS-PBSS4250X_15 Datasheet
153Kb / 9P
   NPN low VCEsat (BISS) transistor 50 V, 2 A
2004 Nov 08
logo
Nexperia B.V. All right...
PBSS4250X NEXPERIA-PBSS4250X Datasheet
83Kb / 9P
   50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
logo
NXP Semiconductors
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
   PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350X PHILIPS-PBSS5350X Datasheet
107Kb / 11P
   50 V, 3 A PNP low VCEsat (BISS) transistor
2003 Nov 21
logo
Nexperia B.V. All right...
PBSS5350TH NEXPERIA-PBSS5350TH Datasheet
252Kb / 14P
   50 V, 3 A PNP low VCEsat (BISS) transistor
PBSS5350Z NEXPERIA-PBSS5350Z Datasheet
249Kb / 12P
   50 V, 3 A PNP low VCEsat (BISS) transistor
18 November 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com