Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH4 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MC9S08SH4
Description  Microcontrollers
Download  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH4 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH4 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08SH4 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 338 page
background image
Chapter 2 Pins and Connections
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
29
Pin Number
Priority
24-pin
20-pin
16-pin
8-pin
Port Pin
Alt 1
Alt 2
Alt 3
Alt 4
Alt5
1333
VDD
2—
3444
VSS
4
5
5
PTB7
SCL1
1 IIC pins can be repositioned using IICPS in SOPT2, default reset locations are on PTA2 and PTA3.
EXTAL
5
6
6
PTB6
SDA1
XTAL
6
7
7
PTB5
TPM1CH12
2 TPM1CHx pins can be repositioned using TPM1PS in SOPT2, default reset locations are on PTA0 and PTB5.
SS
PTC03
3 This port pin is part of the ganged output feature. When pin is enabled for ganged output, it will have priority over
all digital modules. The output data, drive strength and slew-rate control of this port pin will follow the configuration
for the PTC0 pin, even in 16-pin packages where PTC0 doesn’t bond out. Ganged output not available in 8-pin
packages.
7
8
8
PTB4
TPM2CH1
MISO
PTC03
8
9
PTC3
PTC03
ADP11
9
10
PTC2
PTC03
ADP10
10
11
PTC1
TPM1CH12
PTC03
ADP9
11
12
PTC0
TPM1CH02
PTC03
ADP8
12
13
9
PTB3
PIB3
MOSI
PTC03
ADP7
13
14
10
PTB2
PIB2
SPSCK
PTC03
ADP6
14
15
11
PTB1
PIB1
TxD
ADP5
15
16
12
PTB0
PIB0
RxD
ADP4
16
17
13
5
PTA3
PIA3
SCL1
ADP3
17
18
14
6
PTA2
PIA2
SDA1
ADP2
18
19
15
7
PTA1
PIA1
TPM2CH0
ADP14
4 If ACMP and ADC are both enabled, both will have access to the pin.
ACMP–4
19
20
16
8
PTA0
PIA0
TPM1CH02
ADP04
ACMP+4
20
21
22
23
1
1
1
PTA55
IRQ
TCLK
RESET
24
2
2
2
PTA4
ACMPO
BKGD
MS
5 Pin is open-drain when configured as output driving high. Pin does not contain a clamp diode to V
DD and should
not be driven above VDD. The voltage measured on the internally pulled up RESET will not be pulled to VDD. The
internal gates connected to this pin are pulled to VDD.
Lowest
Highest
Table 2-1. Pin Availability by Package Pin-Count


Similar Part No. - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
3Mb / 330P
   Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08SH4 FREESCALE-MC9S08SH4 Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CFKR FREESCALE-MC9S08SH4CFKR Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
MC9S08SH4CPJR FREESCALE-MC9S08SH4CPJR Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
More results

Similar Description - MC9S08SH4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com