Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SH8 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC9S08SH8
Description  Microcontrollers
Download  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SH8 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC9S08SH8 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08SH8 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 338 page
background image
Chapter 2 Pins and Connections
MC9S08SH8 MCU Series Data Sheet, Rev. 3
Freescale Semiconductor
25
Figure 2-5. Basic System Connections
2.2.1
Power
VDD and VSS are the primary power supply pins for the MCU. This voltage source supplies power to all
I/O buffer circuitry, ACMP and ADC modules, and to an internal voltage regulator. The internal voltage
regulator provides regulated lower-voltage source to the CPU and other internal circuitry of the MCU.
Typically, application systems have two separate capacitors across the power pins. In this case, there
should be a bulk electrolytic capacitor, such as a 10-
μF tantalum capacitor, to provide bulk charge storage
for the overall system and a 0.1-
μF ceramic bypass capacitor located as near to the MCU power pins as
practical to suppress high-frequency noise. Each pin must have a bypass capacitor for best noise
suppression.
BKGD/MS
RESET
OPTIONAL
MANUAL
RESET
VDD
BACKGROUND HEADER
SYSTEM
POWER
PORT
B
PTB0/PIB0/RxD/ADP4
PTB1/PIB1/TxD/ADP5
PTB2/PIB2/SPSCK/ADP6
PTB3/PIB3/MOSI/ADP7
PTB4/TPM2CH1/MISO
PTB5/TPM1CH1/SS
PTB6/SDA/XTAL
PTB7/SCL/EXTAL
PORT
C
PTC0/TPM1CH0/ADP8
PTC1/TPM1CH1/ADP9
PTC2/ADP10
PTC3/ADP11
MC9S08SH8
VSS
VDD
CBY
0.1
μF
CBLK
10
μF
+
5 V
+
C2
C1
X1
RF
RS
PORT
A
PTA0/PIA0/TPM1CH0/ADP0/ACMP+
PTA1/PIA1/TPM2CH0/ADP1/ACMP-
PTA2/PIA2/SDA/ADP2
PTA3/PIA3/SCL/ADP3
0.1
μF
VDD
4.7 k
Ω–10 kΩ
NOTE 1
NOTES:
1. External crystal circuit not required if using the internal clock option.
2. RESET pin can only be used to reset into user mode, you can not enter BDM using RESET
pin. BDM can be entered by holding MS low during POR or writing a 1 to BDFR in SBDFR
with MS low after issuing BDM command.
3. RC filter on RESET pin recommended for noisy environments.
PTA4/ACMPO/BKGD/MS
PTA5/IRQ/TCLK/RESET


Similar Part No. - MC9S08SH8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
3Mb / 330P
   Microcontrollers
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
1Mb / 341P
   HCS08 Microcontrollers
MC9S08SH8 FREESCALE-MC9S08SH8 Datasheet
1Mb / 341P
   MC9S08SH8 Datasheet
logo
NXP Semiconductors
MC9S08SH8 NXP-MC9S08SH8 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08SH8 NXP-MC9S08SH8 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08SH8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com