Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SG8 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MC9S08SG8
Description  Microcontrollers
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG8 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MC9S08SG8 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 316 page
background image
Chapter 4 Memory
MC9S08SG8 MCU Series Data Sheet, Rev. 6
Freescale Semiconductor
56
4.7.5
FLASH Status Register (FSTAT)
Table 4-11. FPROT Register Field Descriptions
Field
Description
7:1
FPS
FLASH Protect Select Bits — When FPDIS = 0, this 7-bit field determines the ending address of unprotected
FLASH locations at the high address end of the FLASH. Protected FLASH locations cannot be erased or
programmed.
0
FPDIS
FLASH Protection Disable
0 FLASH block specified by FPS7:FPS1 is block protected (program and erase not allowed).
1 No FLASH block is protected.
76543210
R
FCBEF
FCCF
FPVIOL
FACCERR
0
FBLANK
0
0
W
Reset
11000000
= Unimplemented or Reserved
Figure 4-9. FLASH Status Register (FSTAT)
Table 4-12. FSTAT Register Field Descriptions
Field
Description
7
FCBEF
FLASH Command Buffer Empty Flag — The FCBEF bit is used to launch commands. It also indicates that the
command buffer is empty so that a new command sequence can be executed when performing burst
programming. The FCBEF bit is cleared by writing a 1 to it or when a burst program command is transferred to
the array for programming. Only burst program commands can be buffered.
0 Command buffer is full (not ready for additional commands).
1 A new burst program command can be written to the command buffer.
6
FCCF
FLASH Command Complete Flag — FCCF is set automatically when the command buffer is empty and no
command is being processed. FCCF is cleared automatically when a new command is started (by writing 1 to
FCBEF to register a command). Writing to FCCF has no meaning or effect.
0 Command in progress
1 All commands complete
5
FPVIOL
Protection Violation Flag — FPVIOL is set automatically when a command is written that attempts to erase or
program a location in a protected block (the erroneous command is ignored). FPVIOL is cleared by writing a 1
to FPVIOL.
0 No protection violation.
1 An attempt was made to erase or program a protected location.


Similar Part No. - MC9S08SG8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
1Mb / 310P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG8 NXP-MC9S08SG8 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
Freescale Semiconductor...
MC9S08SG8CXXE FREESCALE-MC9S08SG8CXXE Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8MXXE FREESCALE-MC9S08SG8MXXE Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8VXXE FREESCALE-MC9S08SG8VXXE Datasheet
1Mb / 310P
   Microcontrollers
More results

Similar Description - MC9S08SG8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com