Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SG8 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MC9S08SG8
Description  Microcontrollers
Download  316 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG8 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MC9S08SG8 Datasheet HTML 52Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 53Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC9S08SG8 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 316 page
background image
Chapter 4 Memory
MC9S08SG8 MCU Series Data Sheet, Rev. 6
55
Freescale Semiconductor
4.7.3
FLASH Configuration Register (FCNFG)
4.7.4
FLASH Protection Register (FPROT and NVPROT)
During reset, the contents of the nonvolatile location NVPROT is copied from FLASH into FPROT. This
register can be read at any time, but user program writes have no meaning or effect.
Figure 4-8. FLASH Protection Register (FPROT)
Table 4-9. Security States1
1 SEC01:SEC00 changes to 1:0 after successful backdoor
key entry or a successful blank check of FLASH.
SEC01:SEC00
Description
0:0
secure
0:1
secure
1:0
unsecured
1:1
secure
76543210
R0
0
KEYACC
00000
W
Reset
00000000
= Unimplemented or Reserved
Figure 4-7. FLASH Configuration Register (FCNFG)
Table 4-10. FCNFG Register Field Descriptions
Field
Description
5
KEYACC
Enable Writing of Access Key — This bit enables writing of the backdoor comparison key. For more detailed
information about the backdoor key mechanism, refer to Section 4.6, “Security.”
0 Writes to 0xFFB0–0xFFB7 are interpreted as the start of a FLASH programming or erase command.
1 Writes to NVBACKKEY (0xFFB0–0xFFB7) are interpreted as comparison key writes.
76543210
R
FPS(1)
1 Background commands can be used to change the contents of these bits in FPROT.
FPDIS(1)
W
Reset
This register is loaded from nonvolatile location NVPROT during reset.


Similar Part No. - MC9S08SG8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG8 FREESCALE-MC9S08SG8 Datasheet
1Mb / 310P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG8 NXP-MC9S08SG8 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
Freescale Semiconductor...
MC9S08SG8CXXE FREESCALE-MC9S08SG8CXXE Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8MXXE FREESCALE-MC9S08SG8MXXE Datasheet
1Mb / 310P
   Microcontrollers
MC9S08SG8VXXE FREESCALE-MC9S08SG8VXXE Datasheet
1Mb / 310P
   Microcontrollers
More results

Similar Description - MC9S08SG8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com