Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4220V Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PBSS4220V
Description  20 V, 2 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4220V Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PBSS4220V Datasheet HTML 2Page - NXP Semiconductors PBSS4220V Datasheet HTML 3Page - NXP Semiconductors PBSS4220V Datasheet HTML 4Page - NXP Semiconductors PBSS4220V Datasheet HTML 5Page - NXP Semiconductors PBSS4220V Datasheet HTML 6Page - NXP Semiconductors PBSS4220V Datasheet HTML 7Page - NXP Semiconductors PBSS4220V Datasheet HTML 8Page - NXP Semiconductors PBSS4220V Datasheet HTML 9Page - NXP Semiconductors PBSS4220V Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PBSS4220V_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 11 December 2009
6 of 13
NXP Semiconductors
PBSS4220V
20 V, 2 A NPN low VCEsat (BISS) transistor
VCE =2V
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
VCE =5V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 100 °C
Fig 3.
DC current gain as a function of collector
current; typical values
Fig 4.
Base-emitter voltage as a function of collector
current; typical values
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
(1) IC/IB = 100
(2) IC/IB =50
(3) IC/IB =10
Fig 5.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 6.
Collector-emitter saturation voltage as a
function of collector current; typical values
006aaa662
400
600
200
800
1000
hFE
0
IC (mA)
10−1
104
103
1102
10
(3)
(2)
(1)
006aaa663
0.6
0.4
0.8
1.0
VBE
(V)
0.2
IC (mA)
10−1
104
103
1102
10
(3)
(2)
(1)
006aaa664
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(1)
(2)
(3)
006aaa665
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
10−1
104
103
1102
10
(3)
(2)
(1)


Similar Part No. - PBSS4220V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
logo
Nexperia B.V. All right...
PBSS4220V NEXPERIA-PBSS4220V Datasheet
299Kb / 14P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS4220V PHILIPS-PBSS4220V_15 Datasheet
186Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
More results

Similar Description - PBSS4220V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
logo
Nexperia B.V. All right...
PBSS4220V NEXPERIA-PBSS4220V Datasheet
299Kb / 14P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009
logo
NXP Semiconductors
PBSS4220V PHILIPS-PBSS4220V_15 Datasheet
186Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009
logo
Nexperia B.V. All right...
PBSS4220PANS NEXPERIA-PBSS4220PANS Datasheet
731Kb / 17P
   20 V, 2 A NPN/NPN low VCEsat BISS double transistor
logo
NXP Semiconductors
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
PBSS302NX NXP-PBSS302NX Datasheet
197Kb / 15P
   20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS4021NX NXP-PBSS4021NX Datasheet
257Kb / 14P
   20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com