Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4140V Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PBSS4140V
Description  40 V low VCEsat NPN transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4140V Datasheet(HTML) 7 Page - NXP Semiconductors

  PBSS4140V Datasheet HTML 1Page - NXP Semiconductors PBSS4140V Datasheet HTML 2Page - NXP Semiconductors PBSS4140V Datasheet HTML 3Page - NXP Semiconductors PBSS4140V Datasheet HTML 4Page - NXP Semiconductors PBSS4140V Datasheet HTML 5Page - NXP Semiconductors PBSS4140V Datasheet HTML 6Page - NXP Semiconductors PBSS4140V Datasheet HTML 7Page - NXP Semiconductors PBSS4140V Datasheet HTML 8Page - NXP Semiconductors PBSS4140V Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2002 Jun 20
7
NXP Semiconductors
Product data sheet
40 V low VCEsat NPN transistor
PBSS4140V
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-01-04
01-08-27
IEC
JEDEC
EIAJ
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface mounted package; 6 leads
SOT666
YS
w M A


Similar Part No. - PBSS4140V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4140V PHILIPS-PBSS4140V Datasheet
62Kb / 12P
   40 V low VCEsat NPN transistor
2002 Jun 20
logo
Nexperia B.V. All right...
PBSS4140V NEXPERIA-PBSS4140V Datasheet
522Kb / 10P
   40 V low VCEsat NPN transistor
2002 Jun 20
More results

Similar Description - PBSS4140V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4540Z PHILIPS-PBSS4540Z_15 Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
PBSS4240Y PHILIPS-PBSS4240Y_15 Datasheet
267Kb / 7P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4140V NEXPERIA-PBSS4140V Datasheet
522Kb / 10P
   40 V low VCEsat NPN transistor
2002 Jun 20
logo
NXP Semiconductors
PBSS4140V PHILIPS-PBSS4140V Datasheet
62Kb / 12P
   40 V low VCEsat NPN transistor
2002 Jun 20
PBSS4240Y PHILIPS-PBSS4240Y Datasheet
52Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4140U PHILIPS-PBSS4140U Datasheet
64Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
PBSS4140U PHILIPS-PBSS4140U_15 Datasheet
283Kb / 8P
   40 V low VCEsat NPN transistor
2001 Jul 13
logo
Nexperia B.V. All right...
PBSS4540Z NEXPERIA-PBSS4540Z Datasheet
359Kb / 10P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
NXP Semiconductors
PBSS4240V NXP-PBSS4240V Datasheet
344Kb / 9P
   40 V low VCEsat NPN transistor
2003 Jan 30
PBSS4540Z NXP-PBSS4540Z Datasheet
153Kb / 9P
   40 V low VCEsat NPN transistor
2001 Nov 14
logo
Nexperia B.V. All right...
PBSS4240V NEXPERIA-PBSS4240V Datasheet
549Kb / 10P
   40 V low VCEsat NPN transistor
2003 Jan 30
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com