Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDXAVX100PAAA3 Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # ASDXAVX100PAAA3
Description  ASDX Series Silicon Pressure Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

ASDXAVX100PAAA3 Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  ASDXAVX100PAAA3 Datasheet HTML 1Page - Honeywell Solid State Electronics Center ASDXAVX100PAAA3 Datasheet HTML 2Page - Honeywell Solid State Electronics Center ASDXAVX100PAAA3 Datasheet HTML 3Page - Honeywell Solid State Electronics Center ASDXAVX100PAAA3 Datasheet HTML 4Page - Honeywell Solid State Electronics Center ASDXAVX100PAAA3 Datasheet HTML 5Page - Honeywell Solid State Electronics Center ASDXAVX100PAAA3 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Honeywell Sensing and Control
5
Figure 4. Dimensional Drawings and Pinout (For reference only: mm [in].)
AV Package (Legacy G2)
RR Package (Legacy D4)
AC Package (Legacy A2)
RV Package
Table 6. Pinout
Pin
Definition
Type
Description
1
Vsupply
supply
power supply source
2
Vout
analog output
provides the analog output
3
GND
supply
power supply ground
4
N/C
not used
do not connect in the application
5
N/C
not used
do not connect in the application
6
N/C
not used
do not connect in the application
7
N/C
not used
do not connect in the application
8
N/C
not used
do not connect in the application


Similar Part No. - ASDXAVX100PAAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ASDXAVX100PASA3 HONEYWELL-ASDXAVX100PASA3 Datasheet
482Kb / 6P
   Low Pressure and Ultra-Low Pressure Digital Output,2 Total Error Band, 10 Inches H20 to 100 psi
More results

Similar Description - ASDXAVX100PAAA3

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
50042440 HONEYWELL-50042440 Datasheet
553Kb / 2P
   ASDX Series Silicon Pressure Sensors with Analog Output
July 2010
logo
List of Unclassifed Man...
TPS31 ETC2-TPS31 Datasheet
138Kb / 4P
   Silicon Pressure Sensors
logo
Motorola, Inc
MPX100 MOTOROLA-MPX100 Datasheet
157Kb / 8P
   100kPa Uncompensated Silicon Pressure Sensors
MPX5999D MOTOROLA-MPX5999D Datasheet
84Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPX2700A MOTOROLA-MPX2700A Datasheet
164Kb / 6P
   X-ducer SILICON PRESSURE SENSORS
MPXT4100 MOTOROLA-MPXT4100 Datasheet
134Kb / 8P
   X-ducer SILICON PRESSURE SENSORS
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
   TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com