Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS2515E Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PBSS2515E
Description  15 V, 0.5 A NPN low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS2515E Datasheet(HTML) 1 Page - NXP Semiconductors

  PBSS2515E Datasheet HTML 1Page - NXP Semiconductors PBSS2515E Datasheet HTML 2Page - NXP Semiconductors PBSS2515E Datasheet HTML 3Page - NXP Semiconductors PBSS2515E Datasheet HTML 4Page - NXP Semiconductors PBSS2515E Datasheet HTML 5Page - NXP Semiconductors PBSS2515E Datasheet HTML 6Page - NXP Semiconductors PBSS2515E Datasheet HTML 7Page - NXP Semiconductors PBSS2515E Datasheet HTML 8Page - NXP Semiconductors PBSS2515E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
NPN low VCEsat Breakthrough In Small Signal (BISS) transistor in an ultra small
SOT416 (SC-75) Surface-Mounted Device (SMD) plastic package.
PNP complement: PBSS3515E.
1.2 Features
I Low collector-emitter saturation voltage VCEsat
I High collector current capability IC and ICM
I High collector current gain (hFE) at high IC
I High efficiency due to less heat generation
I Smaller required Printed-Circuit Board (PCB) area than for conventional transistors
1.3 Applications
I DC-to-DC conversion
I MOSFET gate driving
I Motor control
I Charging circuits
I Low power switches (e.g. motors, fans)
I Portable applications
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
PBSS2515E
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 — 21 April 2009
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
15
V
IC
collector current
-
-
0.5
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
--1
A
RCEsat
collector-emitter
saturation resistance
IC = 500 mA;
IB =50mA
[1] -
300
500
m


Similar Part No. - PBSS2515E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS2515E NEXPERIA-PBSS2515E Datasheet
242Kb / 13P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 April 2009
More results

Similar Description - PBSS2515E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS2515M NEXPERIA-PBSS2515M Datasheet
355Kb / 10P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
NXP Semiconductors
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
Nexperia B.V. All right...
PBSS2515E NEXPERIA-PBSS2515E Datasheet
242Kb / 13P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 April 2009
PBSS2515MB NEXPERIA-PBSS2515MB Datasheet
1Mb / 12P
   15 V, 0.5 A NPN low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS3515E PHILIPS-PBSS3515E Datasheet
110Kb / 11P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 01-18 April 2005
PBSS3515E NXP-PBSS3515E Datasheet
128Kb / 12P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 02-27 April 2009
logo
Nexperia B.V. All right...
PBSS3515E NEXPERIA-PBSS3515E Datasheet
243Kb / 13P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
Rev. 02 - 27 April 2009
PBSS3515M NEXPERIA-PBSS3515M Datasheet
353Kb / 10P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Jul 22
PBSS3515MB NEXPERIA-PBSS3515MB Datasheet
1Mb / 12P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS3515M NXP-PBSS3515M Datasheet
148Kb / 9P
   15 V, 0.5 A PNP low VCEsat (BISS) transistor
2003 Jul 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com