Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBRN123E Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBRN123E
Description  NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 2.2 k?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBRN123E Datasheet(HTML) 3 Page - NXP Semiconductors

  PBRN123E Datasheet HTML 1Page - NXP Semiconductors PBRN123E Datasheet HTML 2Page - NXP Semiconductors PBRN123E Datasheet HTML 3Page - NXP Semiconductors PBRN123E Datasheet HTML 4Page - NXP Semiconductors PBRN123E Datasheet HTML 5Page - NXP Semiconductors PBRN123E Datasheet HTML 6Page - NXP Semiconductors PBRN123E Datasheet HTML 7Page - NXP Semiconductors PBRN123E Datasheet HTML 8Page - NXP Semiconductors PBRN123E Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PBRN123E_SER_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 27 February 2007
3 of 17
NXP Semiconductors
PBRN123E series
NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k
Ω, R2 = 2.2 kΩ
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PBRN123EK
SC-59A
plastic surface-mounted package; 3 leads
SOT346
PBRN123ES[1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PBRN123ET
-
plastic surface-mounted package; 3 leads
SOT23
Table 5.
Marking codes
Type number
Marking code[1]
PBRN123EK
G3
PBRN123ES
N123ES
PBRN123ET
*7J
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
40
V
VCEO
collector-emitter voltage
open base
-
40
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+22
V
negative
-
−10
V
IO
output current
PBRN123EK, PBRN123ET
[1] -
600
mA
[2][3] -
700
mA
PBRN123ES
[1] -
800
mA
IORM
repetitive peak output current
PBRN123EK, PBRN123ET tp ≤ 1 ms; δ≤ 0.33
-
800
mA


Similar Part No. - PBRN123E

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBRN123E NEXPERIA-PBRN123E Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123EK NEXPERIA-PBRN123EK Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123ES NEXPERIA-PBRN123ES Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
PBRN123ET NEXPERIA-PBRN123ET Datasheet
268Kb / 12P
   40 V, 600 mA NPN PB RET; R1 = 2.2 kΩ, R2 = 2.2 kΩ
31 March 2021
PBRN123ET NEXPERIA-PBRN123ET Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
More results

Similar Description - PBRN123E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBRN123Y NXP-PBRN123Y Datasheet
162Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 k?? R2 = 10 k?
Rev. 01-27 February 2007
logo
Nexperia B.V. All right...
PBRN123E_SER NEXPERIA-PBRN123E_SER Datasheet
740Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 27 February 2007
logo
NXP Semiconductors
PBRN113E NXP-PBRN113E Datasheet
159Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 1 k?
Rev. 01-1 March 2007
PBRN113Z NXP-PBRN113Z Datasheet
162Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 1 k?? R2 = 10 k?
Rev. 01-26 February 2007
logo
Nexperia B.V. All right...
PBRN123Y_SER NEXPERIA-PBRN123Y_SER Datasheet
741Kb / 17P
   NPN 800 mA, 40 V BISS RETs; R1 = 2.2 kW, R2 = 10 kW
Rev. 01 - 27 February 2007
logo
NXP Semiconductors
PBRP123ET NXP-PBRP123ET Datasheet
112Kb / 12P
   PNP 800 mA, 40 V BISS RET; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-16 January 2008
logo
ON Semiconductor
MUN2231 ONSEMI-MUN2231_15 Datasheet
103Kb / 11P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 2
MUN2231 ONSEMI-MUN2231 Datasheet
127Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
August, 2012 ??Rev. 0
MUN2131 ONSEMI-MUN2131 Datasheet
133Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 4
MUN5231DW1 ONSEMI-MUN5231DW1 Datasheet
140Kb / 6P
   Dual NPN Bias Resistor Transistors R1 = 2.2 k, R2 = 2.2 k
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com