Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C08AMR-G Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6118C08AMR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C08AMR-G Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6118C08AMR-G Datasheet HTML 11Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 12Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 13Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 14Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 15Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 16Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 17Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 18Page - Torex Semiconductor XC6118C08AMR-G Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
XC6118
Series
(5) Hysteresis Voltage vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) CD Pin Sink Current vs. Input Voltage
(7) Output Voltage vs. Sense Voltage
(8) Output Voltage vs. Input Voltage
(9) Output Current vs. Input Voltage
XC6118C25Ax
0.05
0.10
0.15
0.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VIN=4.0V
XC6118C25Ax
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
345
6
Input Voltage : VIN (V)
VSEN=0V VDS=0.5V
25℃
85
Ta=-40
XC6118N25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage : VIN (V)
VSEN=VIN Pull-up=VIN R=100kΩ
25℃
-40℃
Ta=85
XC6118C25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
012
345
6
Sense Voltage: VSEN (V)
Ta=25
4.0V
1.0V
VIN=6.0V
XC6118C25Ax
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
012
3
456
Input Voltage : VIN (V)
VDS(Nch)=0.5V
Ta=-40
25
85
XC6118C25Ax
-2.0
-1.5
-1.0
-0.5
0.0
01
2
3
4
5
6
Input Voltage : VIN (V)
VDS(Pch)=0.5V
-40℃
25℃
Ta=85℃


Similar Part No. - XC6118C08AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C08AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com