Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBHV9115T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBHV9115T
Description  150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBHV9115T Datasheet(HTML) 3 Page - NXP Semiconductors

  PBHV9115T Datasheet HTML 1Page - NXP Semiconductors PBHV9115T Datasheet HTML 2Page - NXP Semiconductors PBHV9115T Datasheet HTML 3Page - NXP Semiconductors PBHV9115T Datasheet HTML 4Page - NXP Semiconductors PBHV9115T Datasheet HTML 5Page - NXP Semiconductors PBHV9115T Datasheet HTML 6Page - NXP Semiconductors PBHV9115T Datasheet HTML 7Page - NXP Semiconductors PBHV9115T Datasheet HTML 8Page - NXP Semiconductors PBHV9115T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PBHV9115T_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 9 January 2009
3 of 12
NXP Semiconductors
PBHV9115T
150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−200
V
VCEO
collector-emitter voltage
open base
-
−150
V
VEBO
emitter-base voltage
open collector
-
−6V
IC
collector current
-
−1A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
−2A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
−400
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
FR4 PCB, standard footprint
Fig 1.
Power derating curve
Tamb (°C)
−75
175
125
25
75
−25
006aab150
200
100
300
400
Ptot
(mW)
0


Similar Part No. - PBHV9115T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBHV9115T NEXPERIA-PBHV9115T Datasheet
895Kb / 12P
   150 V, 1 A PNP high-voltage low VCEsat transistor
1 January 2023
PBHV9115T-Q NEXPERIA-PBHV9115T-Q Datasheet
271Kb / 12P
   150 V, 1 A PNP high-voltage low VCEsat transistor
22 March 2022
PBHV9115TLH NEXPERIA-PBHV9115TLH Datasheet
419Kb / 15P
   150 V, 1 A PNP high-voltage low VCEsat BISS transistor
More results

Similar Description - PBHV9115T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBHV9115Z NXP-PBHV9115Z Datasheet
137Kb / 12P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02-9 January 2009
PBHV9115X115 PHILIPS-PBHV9115X115 Datasheet
163Kb / 13P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-10 March 2010
logo
Nexperia B.V. All right...
PBHV9115Z NEXPERIA-PBHV9115Z Datasheet
251Kb / 13P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 02 - 9 January 2009
PBHV9115TLH NEXPERIA-PBHV9115TLH Datasheet
419Kb / 15P
   150 V, 1 A PNP high-voltage low VCEsat BISS transistor
PBHV9115X NEXPERIA-PBHV9115X Datasheet
277Kb / 14P
   150 V, 1 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01 - 10 March 2010
logo
NXP Semiconductors
PBHV9215Z PHILIPS-PBHV9215Z Datasheet
159Kb / 12P
   150 V, 2 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01-11 December 2009
logo
Nexperia B.V. All right...
PBHV9215Z NEXPERIA-PBHV9215Z Datasheet
273Kb / 13P
   150 V, 2 A PNP high-voltage low VCEsat (BISS) transistor
Rev. 01 - 11 December 2009
logo
NXP Semiconductors
PBHV8115T215 NXP-PBHV8115T215 Datasheet
113Kb / 13P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
PBHV8115Z NXP-PBHV8115Z Datasheet
124Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 01-5 February 2008
PBHV8115Z NXP-PBHV8115Z_08 Datasheet
126Kb / 12P
   150 V, 1 A NPN high-voltage low VCEsat (BISS) transistor
Rev. 02-9 December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com