Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6118 Datasheet(PDF) 19 Page - Torex Semiconductor

Part No. XC6118
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6118 Datasheet(HTML) 19 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19/20
XC6118
Series
CMOS Output (XC6118C Series)
N-ch Open Drain Output (XC6118N Series)
MARK
VOLTAGE (V)
L
0.X
M
1.X
N
2.X
P
3.X
R
4.X
S
5.X
MARK
VOLTAGE (V)
T
0.X
U
1.X
V
2.X
X
3.X
Y
4.X
Z
5.X
MARK
VOLTAGE (V)
PRODUCT SERIES
3
X.3
XC6118**3***
0
X.0
XC6118**0***
MARK
OPTIONS
PRODUCT SERIES
A
Built-in delay capacitance pin with hysteresis 5% (TYP.)
(Standard)
XC6118***A**
B
Built-in delay capacitance pin with hysteresis less than 1%
(Standard)
XC6118***B**
C
No built-in delay capacitance pin with hysteresis 5% (TYP.)
(Semi-custom)
XC6118***C**
D
No built-in delay capacitance pin with hysteresis less than 1%
(Semi-custom)
XC6118***D**
■MARKING RULE (Continued)
●USP-4
① represents output configuration and integer number of detect voltage
② represents decimal number of detect voltage
(ex.)
③ represents options
④⑤ represents production lot number
0 to 9, A to Z or inverted characters of 0 to 9, A to Z repeated.
(G, I, J, O, Q, and W excluded)
*No character inversion used.
USP-4
(TOP VIEW)
1
2
4
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn