Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6118 Datasheet(PDF) 16 Page - Torex Semiconductor

Part No. XC6118
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6118 Datasheet(HTML) 16 Page - Torex Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16/20
XC6118 Series
(10) Delay Resistance vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(11) Release Delay Time vs. Delay Capacitance
(12) Detect Delay Time vs. Delay Capacitance
(13) Leakage Current vs. Ambient Temperature
(14) Leakage Current vs. Supply Voltage
XC6118C25Ax
1
10
100
1000
0.0001
0.001
0.01
0.1
1
Delay Capacitor: Cd (
μF)
Ta=25
VIN=6.0V
4.0V
3.0V
2.0V
1.0V
XC6118N25Ax
0.10
0.15
0.20
0.25
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VIN=VSEN=6.0V VOUT=6.0V
XC6118N25Ax
0.10
0.15
0.20
0.25
01
23
4
5
6
Output Voltage: VOUT (V)
VIN=VSEN=6.0V
XC6118C25Ax
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VSEN=6.0V VCD=0.0V VIN=5.0V
XC6118C25Ax
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
Delay Capacitor: Cd (
μF)
Ta=25
tDR=Cd×2.0×10
6×0.69
VIN=1.0V
3.0V
6.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn