Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6118 Datasheet(PDF) 15 Page - Torex Semiconductor

Part No. XC6118
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6118_1 Datasheet HTML 11Page - Torex Semiconductor XC6118_1 Datasheet HTML 12Page - Torex Semiconductor XC6118_1 Datasheet HTML 13Page - Torex Semiconductor XC6118_1 Datasheet HTML 14Page - Torex Semiconductor XC6118_1 Datasheet HTML 15Page - Torex Semiconductor XC6118_1 Datasheet HTML 16Page - Torex Semiconductor XC6118_1 Datasheet HTML 17Page - Torex Semiconductor XC6118_1 Datasheet HTML 18Page - Torex Semiconductor XC6118_1 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
XC6118
Series
(5) Hysteresis Voltage vs. Ambient Temperature
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) CD Pin Sink Current vs. Input Voltage
(7) Output Voltage vs. Sense Voltage
(8) Output Voltage vs. Input Voltage
(9) Output Current vs. Input Voltage
XC6118C25Ax
0.05
0.10
0.15
0.20
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (
℃)
VIN=4.0V
XC6118C25Ax
0.0
0.5
1.0
1.5
2.0
2.5
3.0
012
345
6
Input Voltage : VIN (V)
VSEN=0V VDS=0.5V
25℃
85
Ta=-40
XC6118N25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
0
0.5
1
1.5
2
2.5
3
Input Voltage : VIN (V)
VSEN=VIN Pull-up=VIN R=100kΩ
25℃
-40℃
Ta=85
XC6118C25Ax
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
012
345
6
Sense Voltage: VSEN (V)
Ta=25
4.0V
1.0V
VIN=6.0V
XC6118C25Ax
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
012
3
456
Input Voltage : VIN (V)
VDS(Nch)=0.5V
Ta=-40
25
85
XC6118C25Ax
-2.0
-1.5
-1.0
-0.5
0.0
01
2
3
4
5
6
Input Voltage : VIN (V)
VDS(Pch)=0.5V
-40℃
25℃
Ta=85℃


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn