Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

XC6118 Datasheet(PDF) 14 Page - Torex Semiconductor

Part No. XC6118
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOREX [Torex Semiconductor]
Homepage  http://www.torex.co.jp
Logo 

XC6118 Datasheet(HTML) 14 Page - Torex Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14/20
XC6118 Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Supply Current vs. Sense Voltage
(3) Detect Voltage vs. Ambient Temperature
(2) Supply Current vs. Input Voltage
(4) Detect Voltage vs. Input Voltage
XC6118C25Ax
0.0
0.2
0.4
0.6
0.8
1.0
1.2
01
23
4
5
6
Input Voltage: VIN (V)
VSEN=2.25V
25
-40
Ta=85
XC6118C25Ax
0.0
0.2
0.4
0.6
0.8
1.0
1.2
012
3
456
Input Voltage: VIN (V)
VSEN=2.75V
25℃
-40℃
Ta=85℃
XC6118C25Ax
0.0
0.5
1.0
1.5
2.0
012
3456
Sense Voltage: VSEN (V)
VIN=3.0V
25℃
-40
Ta=85℃
XC6118C25Ax
2.45
2.50
2.55
-50-25
0
25
50
75100
Ambient Temperature: Ta (
℃)
VIN=4.0V
XC6118C25Ax
2.45
2.50
2.55
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage: VIN (V)
85℃
Ta=25℃
-40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn